Zakładka z wyszukiwarką danych komponentów |
|
AD9060JZ Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD9060JZ Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 12 page AD9060 –11– REV. A 1 2 4 6 8 10 20 60 100 200 40 INPUT FREQUENCY – MHz 20 26 32 38 44 50 56 62 10.0 9.0 8.0 7.0 6.0 5.0 4.0 ENCODE RATE = 60MSPS +25°C –55°C & +125°C AD9060 SNR and ENOB vs. Input Frequency 20 26 32 38 44 50 56 62 10.0 9.0 8.0 7.0 6.0 5.0 4.0 10 20 40 100 CONVERSION RATE – MSPS 60 ANALOG INPUT = 2.3MHz 80 AD9060 SNR and ENOB vs. Conversion Rate 1 2 4 6 8 10 20 60 100 40 40 45 50 55 60 65 70 INPUT FREQUENCY – MHz 35 30 +125 °C –55 °C +25 °C AD9060 Harmonics vs. Input Frequency ANALOG INPUT (A IN ) – Volts 48 47 45 44 –1.8 –1.2 –0.6 0 10 70 60 50 40 30 20 +0.6 +1.2 +1.8 46 RESISTANCE CAPACITANCE Input Capacitance/Resistance vs. Input Voltage Offset Binary Twos Complement Step Range True Inverted True Inverted 0 = –1.75 V MSB INV = “0” MSB INV = “1” MSB INV = “1” MSB INV = “0” FS = +1.75 V LSBs INV = “0” LSBs INV = “1” LSBs INV = “0” LSBs INV = “1” 1024 > + 1.7500 (1)1111111111 (l)0000000000 (1)0111111111 (1)1000000000 1023 + 1.7466 1111111111 0000000000 0111111111 1000000000 1022 + 1.7432 1111111110 0000000001 0111111110 1000000001 . . .... . . .... . . .... 512 +0.0034 1000000000 0111111111 0000000000 1111111111 511 0.000 0111111111 1000000000 1111111111 0000000000 510 –0.0034 0111111110 1000000001 1111111110 0000000001 . . .... . . .... . . .... 02 – 1.7432 0000000010 1111111101 1000000010 0111111101 01 – 1.7466 0000000001 1111111110 1000000001 0111111110 00 < – 1.7466 0000000000 1111111111 1000000000 0111111111 The overflow bit is always 0 except where noted in parentheses ( ). MSB INVERT and LSBs INVERT are considered dc controls. AD9060 Truth Table |
Podobny numer części - AD9060JZ |
|
Podobny opis - AD9060JZ |