Zakładka z wyszukiwarką danych komponentów |
|
AD9203 Arkusz danych(PDF) 11 Page - Analog Devices |
|
AD9203 Arkusz danych(HTML) 11 Page - Analog Devices |
11 / 19 page REV. 0 AD9203 REV. 0 –11– Figure 19 shows the reference programmed by external resistors for 0.75 V. This will set the ADC to receive a 1.5 V span cen- tered about 0.75 V. The reference is programmed according to the algorithm VREF = 0.5 V × [1 + (RA/RB)] ADC CORE + – LOGIC 0.1 F 10 F AINP AINN VREF 0.5V REFTF REFBF REFSENSE 1.5V 0V RA RB 0.1 F 1.875V 1.125V 0.1 F 0.1 F 10 F AD9203 Figure 19. Programmable Reference Configuration EXTERNAL REFERENCE OPERATION Figure 20 illustrates the use of an external reference. An exter- nal reference may be necessary for several reasons. Tighter reference tolerance will enhance the accuracy of the ADC and will allow lower temperature drift performance. When several ADC’s track one another, a single reference (internal or exter- nal) will be necessary. The AD9203 will draw less power when an external reference is used. When the REFSENSE pin is tied to AVDD, the internal refer- ence will be disabled, allowing the use of an external reference. The AD9203 contains an internal reference buffer. It will load the external reference with an equivalent 10 k Ω load. The inter- nal buffer will generate positive and negative full-scale references for the ADC core. In Figure 20, an external reference is used to set the midscale set point for single-ended use. At the same time, it sets the input voltage span through a resistor divider. If the ADC is being driven differentially through a transformer, the external refer- ence can set the center tap (common-mode voltage). 1.0V 2.0V 0.1 F 10 F VREF AD9203 +5V 0.1 F 1.5k 0.1 F 3.0V REFSENSE A3 AVDD AINP AINN EXTERNAL REF (2V) 1V 1.5k Figure 20. External Reference Configuration CLAMP OPERATION The AD9203 contains an internal clamp. It may be used when operating the input in a single-ended mode. The AD9203’s clamp is very useful for clamping NTSC and PAL video signals to ground. The clamp cannot be used in the differential input mode. 1V p-p 0Vdc ADC CORE REFSENSE VREF AINN CIN CLAMP IN CLAMP AD9203 AINP SW1 50 TYP Figure 21. Clamp Configuration (VREF = 0.5 V) Figure 21 shows the internal clamp circuitry and the external control signals needed for clamp operation. To enable the clamp, apply a logic high “1” to the CLAMP pin. This will close the internal switch SW1. SW1 is opened by asserting the CLAMP pin low “0.” The capacitor holds the voltage across CIN con- stant until the next interval. The charge on the capacitor will leak off as a function of input bias current (see Figure 22). INPUT VOLTAGE – Volts 250 200 03 0.5 150 100 50 0 –50 1 1.5 2 2.5 Figure 22. Input Bias Current vs. Input Voltage (FS = 40 MSPS) |
Podobny numer części - AD9203 |
|
Podobny opis - AD9203 |