Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7443330150 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7443330150
Szczegółowy opis  POWER-CHOKE WE-HCC 1090 (Ferrite)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7443330150 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7443330150 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443330150 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443330150 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7443330150 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
J Rollenspezifikation / tape and reel specification:
A
10,4 ± 0,1
mm
B
16 ± 0,1
mm
+ 0,1
- 0,1
E
4,00 ± 0,1
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
mm
J
10,20 ± 0,1
mm
T
0,40 ± 0,05
mm
W
24,0 ± 0,3
mm
a
330,0 ref
mm
b
24,0 ref
mm
mm
d
75 ± 2
mm
BD
09-11-03
Rst
09-05-05
Name
Datum / date
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Geprüft / checked
Kontrolliert / approved
Änderung / modification
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Version 2
.................................................................................
...............................................................
Version 1
Datum / date
Unterschrift / signature
Würth Elektronik
..................................................................................
..................................................................................
Freigabe erteilt / general release:
Kunde / customer
D
1,50
mm
Rollenspezifikation / Reel specification:
Gurtspezifikation / Tape specification:
mm
SPEICHERDROSSEL WE-HCC 1090 (Ferrit)
POWER-CHOKE WE-HCC 1090 (Ferrite)
DATUM / DATE : 2009-11-03
Artikelnummer / part number :
7443330150
Kunde / customer :
Spezifikation für Freigabe / specification for release
a
d
W
E
F
G
B
A
Ø D
H
T
J
The Force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
b
LF
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is
especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control,
train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition,
sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
SEITE 4 VON 4


Podobny numer części - 7443330150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7443330100 WURTH-7443330100 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
More results

Podobny opis - 7443330150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7443330470 WURTH-7443330470 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330082 WURTH-7443330082 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330100 WURTH-7443330100 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330820 WURTH-7443330820 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330220 WURTH-7443330220 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330033 WURTH-7443330033 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330330 WURTH-7443330330 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330680 WURTH-7443330680 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330022 WURTH-7443330022 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330047 WURTH-7443330047 Datasheet
132Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
7443330068 WURTH-7443330068 Datasheet
130Kb / 4P
   POWER-CHOKE WE-HCC 1090 (Ferrite)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com