Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9200KST Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD9200KST
Szczegółowy opis  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9200KST Arkusz danych(HTML) 4 Page - Analog Devices

  AD9200KST Datasheet HTML 1Page - Analog Devices AD9200KST Datasheet HTML 2Page - Analog Devices AD9200KST Datasheet HTML 3Page - Analog Devices AD9200KST Datasheet HTML 4Page - Analog Devices AD9200KST Datasheet HTML 5Page - Analog Devices AD9200KST Datasheet HTML 6Page - Analog Devices AD9200KST Datasheet HTML 7Page - Analog Devices AD9200KST Datasheet HTML 8Page - Analog Devices AD9200KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9200
–4–
REV. E
DRVDD
AVSS
DRVSS
DRVSS
AVDD
AVDD
AVSS
AVSS
AVDD
REFTF
REFTS
AVDD
AVSS
AVDD
AVSS
REFBS
REFBF
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
AVSS
AVDD
AVSS
AVDD
AVDD
AVSS
AVDD
AVSS
AVDD
AVSS
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
AVDD
AVSS
–0.3
+6.5
V
DRVDD
DRVSS
–0.3
+6.5
V
AVSS
DRVSS
–0.3
+0.3
V
AVDD
DRVDD
–6.5
+6.5
V
MODE
AVSS
–0.3
AVDD + 0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3 V
AIN
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
REFSENSE
AVSS
–0.3
AVDD + 0.3
V
REFTF, REFTB
AVSS
–0.3
AVDD + 0.3
V
REFTS, REFBS
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
10 sec
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum
ratings for extended periods may effect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Options*
AD9200JRS
0
°C to +70°C
28-Lead SSOP
RS-28
AD9200ARS
–40
°C to +85°C 28-Lead SSOP
RS-28
AD9200JST
0
°C to +70°C
48-Lead LQFP
ST-48
AD9200KST
0
°C to +70°C
48-Lead LQFP
ST-48
AD9200JRSRL
0
°C to +70°C
28-Lead SSOP (Reel) RS-28
AD9200ARSRL –40
°C to +85°C 28-Lead SSOP (Reel) RS-28
AD9200JSTRL
0
°C to +70°C
48-Lead LQFP (Reel) ST-48
AD9200KSTRL 0
°C to +70°C
48-Lead LQFP (Reel) ST-48
AD9200 SSOP-EVAL
Evaluation Board
AD9200 LQFP-EVAL
Evaluation Board
*RS = Shrink Small Outline; ST = Thin Quad Flatpack.
Figure 2. Equivalent Circuits
a. D0–D9, OTR
b. Three-State, Standby, Clamp
c. CLK
d. AIN
e. Reference
f. CLAMPIN
g. MODE
h. REFSENSE
i. VREF
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9200 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Podobny numer części - AD9200KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200KST AD-AD9200KST Datasheet
374Kb / 25P
   CMOS A/D Converter
AD9200KSTRL AD-AD9200KSTRL Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Podobny opis - AD9200KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com