Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9200KST Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9200KST
Szczegółowy opis  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9200KST Arkusz danych(HTML) 5 Page - Analog Devices

  AD9200KST Datasheet HTML 1Page - Analog Devices AD9200KST Datasheet HTML 2Page - Analog Devices AD9200KST Datasheet HTML 3Page - Analog Devices AD9200KST Datasheet HTML 4Page - Analog Devices AD9200KST Datasheet HTML 5Page - Analog Devices AD9200KST Datasheet HTML 6Page - Analog Devices AD9200KST Datasheet HTML 7Page - Analog Devices AD9200KST Datasheet HTML 8Page - Analog Devices AD9200KST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD9200
–5–
REV. E
PIN CONFIGURATIONS
PIN FUNCTION DESCRIPTIONS
SSOP
LQFP
Pin No.
Pin No.
Name
Description
1
44
AVSS
Analog Ground
2
45
DRVDD
Digital Driver Supply
3
1
D0
Bit 0, Least Significant Bit
4
2
D1
Bit 1
5
3
D2
Bit 2
6
4
D3
Bit 3
7
5
D4
Bit 4
8
8
D5
Bit 5
9
9
D6
Bit 6
10
10
D7
Bit 7
11
11
D8
Bit 8
12
12
D9
Bit 9, Most Significant Bit
13
16
OTR
Out-of-Range Indicator
14
17
DRVSS
Digital Ground
15
22
CLK
Clock Input
16
23
THREE-STATE
HI: High Impedance State. LO: Normal Operation
17
24
STBY
HI: Power-Down Mode. LO: Normal Operation
18
26
REFSENSE
Reference Select
19
27
CLAMP
HI: Enable Clamp Mode. LO: No Clamp
20
28
CLAMPIN
Clamp Reference Input
21
29
REFTS
Top Reference
22
30
REFTF
Top Reference Decoupling
23
32
MODE
Mode Select
24
34
REFBF
Bottom Reference Decoupling
25
35
REFBS
Bottom Reference
26
38
VREF
Internal Reference Output
27
39
AIN
Analog Input
28
42
AVDD
Analog Supply
28-Lead Shrink Small Outline (SSOP)
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
AD9200
AVSS
REFBS
VREF
AIN
AVDD
DRVDD
D0
D1
REFTF
MODE
REFBF
D2
D3
D4
D5
D6
D7
CLAMP
CLAMPIN
REFTS
D8
D9
OTR
DRVSS
REFSENSE
CLK
THREE-STATE
STBY
48-Lead Plastic Thin Quad Flatpack (LQFP)
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
NC
REFBS
REFBF
NC
MODE
NC
REFTF
D0
D1
D2
D3
D4
NC
NC
NC = NO CONNECT
D5
D6
D7
D8
REFTS
CLAMPIN
CLAMP
REFSENSE
AD9200
D9
NC


Podobny numer części - AD9200KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200KST AD-AD9200KST Datasheet
374Kb / 25P
   CMOS A/D Converter
AD9200KSTRL AD-AD9200KSTRL Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Podobny opis - AD9200KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com