Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9200KST Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9200KST
Szczegółowy opis  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9200KST Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9200KST Datasheet HTML 7Page - Analog Devices AD9200KST Datasheet HTML 8Page - Analog Devices AD9200KST Datasheet HTML 9Page - Analog Devices AD9200KST Datasheet HTML 10Page - Analog Devices AD9200KST Datasheet HTML 11Page - Analog Devices AD9200KST Datasheet HTML 12Page - Analog Devices AD9200KST Datasheet HTML 13Page - Analog Devices AD9200KST Datasheet HTML 14Page - Analog Devices AD9200KST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9200
–11–
REV. E
The actual reference voltages used by the internal circuitry of
the AD9200 appear on REFTF and REFBF. For proper opera-
tion, it is necessary to add a capacitor network to decouple these
pins. The REFTF and REFBF should be decoupled for all
internal and external configurations as shown in Figure 17.
AD9200
REFTF
REFBF
0.1 F
0.1 F
10 F
0.1 F
Figure 17. Reference Decoupling Network
Note: REFTF = reference top, force
REFBF = reference bottom, force
REFTS = reference top, sense
REFBS = reference bottom, sense
INTERNAL REFERENCE OPERATION
Figures 18, 19 and 20 show example hookups of the AD9200
internal reference in its most common configurations. (Figures
18 and 19 illustrate top/bottom mode while Figure 20 illustrates
center span mode). Figure 29 shows how to connect the AD9200
for 1 V p-p differential operation. Shorting the VREF pin
directly to the REFSENSE pin places the internal reference
amplifier, A1, in unity-gain mode and the resultant reference
output is 1 V. In Figure 18 REFBS is grounded to give an input
range from 0 V to 1 V. These modes can be chosen when the
supply is either +3 V or +5 V. The VREF pin must be bypassed to
AVSS (analog ground) with a 1.0
µF tantalum capacitor in
parallel with a low inductance, low ESR, 0.1
µF ceramic capacitor.
1V
0V
MODE
AVDD
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
REF
SENSE
VREF
A1
1V
A2
SHA
0.1 F
1.0 F
Figure 18. Internal Reference 1 V p-p Input Span
(Top/Bottom Mode)
Figure 19 shows the single-ended configuration for 2 V p-p
operation. REFSENSE is connected to GND, resulting in a 2 V
reference output.
2V
0V
MODE
AVDD
A2
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
REF
SENSE
VREF
A1
1V
SHA
0.1 F
1.0 F
Figure 19. Internal Reference, 2 V p-p Input Span
(Top/Bottom Mode)
Figure 20 shows the single-ended configuration that gives the
good high frequency dynamic performance (SINAD, SFDR).
To optimize dynamic performance, center the common-mode
voltage of the analog input at approximately 1.5 V. Connect the
shorted REFTS and REFBS inputs to a low impedance 1.5 V
source. In this configuration, the MODE pin is driven to a volt-
age at midsupply (AVDD/2).
Maximum reference drive is 1 mA. An external buffer is re-
quired for heavier loads.
AVDD/2
+1.5V
2V
1V
MODE
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
REF
SENSE
VREF
1V
SHA
A2
A1
0.1 F
1.0 F
Figure 20. Internal Reference 1 V p-p Input Span,
(Center Span Mode)


Podobny numer części - AD9200KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200KST AD-AD9200KST Datasheet
374Kb / 25P
   CMOS A/D Converter
AD9200KSTRL AD-AD9200KSTRL Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Podobny opis - AD9200KST

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com