Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9200JRSRL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9200JRSRL
Szczegółowy opis  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9200JRSRL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9200JRSRL Datasheet HTML 6Page - Analog Devices AD9200JRSRL Datasheet HTML 7Page - Analog Devices AD9200JRSRL Datasheet HTML 8Page - Analog Devices AD9200JRSRL Datasheet HTML 9Page - Analog Devices AD9200JRSRL Datasheet HTML 10Page - Analog Devices AD9200JRSRL Datasheet HTML 11Page - Analog Devices AD9200JRSRL Datasheet HTML 12Page - Analog Devices AD9200JRSRL Datasheet HTML 13Page - Analog Devices AD9200JRSRL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9200
–10–
REV. E
SHA
A2
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
+F/S RANGE OBTAINED
FROM VREF PIN OR
EXTERNAL REF
–F/S RANGE OBTAINED
FROM VREF PIN OR
EXTERNAL REF
0.1 F
MODE
(AVDD)
+FS
–FS
AD9200
10k
a. Top/Bottom Mode
V
MAXIMUM MAGNITUDE OF V
IS DETERMINED BY INTERNAL
REFERENCE AND TURNS RATIO
MODE
INTERNAL
REF
AVDD/2
SHA
10k
10k
10k
A/D
CORE
4.2k
TOTAL
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
A2
REFTS
REFBS
AVDD/2
c. Differential Mode
A1
1V
AVSS
REFSENSE
VREF
(1V)
AD9200
0.1 F
1.0 F
d. 1 V Reference
0.01 F
1.0 F
A1
10k
10k
1V
AVSS
REFSENSE
VREF
(2V)
AD9200
e. 2 V Reference
A1
1V
AVSS
REFSENSE
VREF
(= 1 + RA/RB)
RA
RB
INTERNAL 10K REF RESISTORS ARE
SWITCHED OPEN BY THE PRESENSE
OF RA AND RB.
AD9200
0.1 F
1.0 F
f. Variable Reference
(Between 1 V and 2 V)
Figure 16.
A1
1V
REFSENSE
AVDD
VREF
AD9200
g. Internal Reference Disable
(Power Reduction)
MODE
INTERNAL
REF
MIDSCALE OFFSET
VOLTAGE IS DERIVED
FROM INTERNAL OR
EXTERNAL REF
MIDSCALE
V*
AVDD/2
* MAXIMUM MAGNITUDE OF V IS DETERMINED
BY INTERNAL REFERENCE
10k
10k
10k
A/D
CORE
4.2k
TOTAL
REFTS
REFBS
10 F
0.1 F
REFTF
REFBF
0.1 F
AIN
0.1 F
AD9200
10k
A2
SHA
b. Center Span Mode


Podobny numer części - AD9200JRSRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200JRSRL AD-AD9200JRSRL Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Podobny opis - AD9200JRSRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com