Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9200JSTRL Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD9200JSTRL
Szczegółowy opis  Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9200JSTRL Arkusz danych(HTML) 1 Page - Analog Devices

  AD9200JSTRL Datasheet HTML 1Page - Analog Devices AD9200JSTRL Datasheet HTML 2Page - Analog Devices AD9200JSTRL Datasheet HTML 3Page - Analog Devices AD9200JSTRL Datasheet HTML 4Page - Analog Devices AD9200JSTRL Datasheet HTML 5Page - Analog Devices AD9200JSTRL Datasheet HTML 6Page - Analog Devices AD9200JSTRL Datasheet HTML 7Page - Analog Devices AD9200JSTRL Datasheet HTML 8Page - Analog Devices AD9200JSTRL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AD9200
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete 10-Bit, 20 MSPS, 80 mW
CMOS A/D Converter
FUNCTIONAL BLOCK DIAGRAM
A/D
A/D
AIN
REFTF
REFBF
REFSENSE
OTR
D9
(MSB)
D0
(LSB)
VREF
DRVDD
AVDD
CLK
DRVSS
AD9200
SHA
SHA
SHA
GAIN
SHA
GAIN
GAIN
D/A
A/D
D/A
A/D
D/A
CORRECTION LOGIC
OUTPUT BUFFERS
REFTS
1V
AVSS
REFBS
THREE-
STATE
MODE
STBY
CLAMP
CLAMP
IN
SHA
GAIN
A/D
D/A
FEATURES
CMOS 10-Bit, 20 MSPS Sampling A/D Converter
Pin-Compatible with AD876
Power Dissipation: 80 mW (3 V Supply)
Operation Between 2.7 V and 5.5 V Supply
Differential Nonlinearity: 0.5 LSB
Power-Down (Sleep) Mode
Three-State Outputs
Out-of-Range Indicator
Built-In Clamp Function (DC Restore)
Adjustable On-Chip Voltage Reference
IF Undersampling to 135 MHz
PRODUCT DESCRIPTION
The AD9200 is a monolithic, single supply, 10-bit, 20 MSPS
analog-to-digital converter with an on-chip sample-and-hold
amplifier and voltage reference. The AD9200 uses a multistage
differential pipeline architecture at 20 MSPS data rates and
guarantees no missing codes over the full operating temperature
range.
The input of the AD9200 has been designed to ease the devel-
opment of both imaging and communications systems. The user
can select a variety of input ranges and offsets and can drive the
input either single-ended or differentially.
The sample-and-hold (SHA) amplifier is equally suited for both
multiplexed systems that switch full-scale voltage levels in suc-
cessive channels and sampling single-channel inputs at frequen-
cies up to and beyond the Nyquist rate. AC coupled input
signals can be shifted to a predetermined level, with an onboard
clamp circuit (AD9200ARS, AD9200KST). The dynamic per-
formance is excellent.
The AD9200 has an onboard programmable reference. An
external reference can also be chosen to suit the dc accuracy and
temperature drift requirements of the application.
A single clock input is used to control all internal conversion
cycles. The digital output data is presented in straight binary
output format. An out-of-range signal (OTR) indicates an over-
flow condition which can be used with the most significant bit
to determine low or high overflow.
The AD9200 can operate with supply range from 2.7 V to
5.5 V, ideally suiting it for low power operation in high speed
portable applications.
The AD9200 is specified over the industrial (–40
°C to +85°C)
and commercial (0
°C to +70°C) temperature ranges.
PRODUCT HIGHLIGHTS
Low Power
The AD9200 consumes 80 mW on a 3 V supply (excluding the
reference power). In sleep mode, power is reduced to below
5 mW.
Very Small Package
The AD9200 is available in both a 28-lead SSOP and 48-lead
LQFP packages.
Pin Compatible with AD876
The AD9200 is pin compatible with the AD876, allowing older
designs to migrate to lower supply voltages.
300 MHz On-Board Sample-and-Hold
The versatile SHA input can be configured for either single-
ended or differential inputs.
Out-of-Range Indicator
The OTR output bit indicates when the input signal is beyond
the AD9200’s input range.
Built-In Clamp Function
Allows dc restoration of video signals with AD9200ARS and
AD9200KST.


Podobny numer części - AD9200JSTRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200JSTRL AD-AD9200JSTRL Datasheet
374Kb / 25P
   CMOS A/D Converter
More results

Podobny opis - AD9200JSTRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280_15 Datasheet
365Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. E
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9280 AD-AD9280 Datasheet
366Kb / 24P
   Complete 8-Bit, 32 MSPS, 95 mW CMOS A/D Converter
REV. D
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com