Zakładka z wyszukiwarką danych komponentów |
|
GS10DC106F Arkusz danych(PDF) 2 Page - KOA Speer Electronics, Inc. |
|
GS10DC106F Arkusz danych(HTML) 2 Page - KOA Speer Electronics, Inc. |
2 / 2 page applications and ratings GS high voltage high resistance thick film resistors Part Designation Impulse Withstand Voltage Power Rating T.C.R. (ppm/°C) Max. GS1/4* GS1/2* GS5 GS1 GS7 0.25W 0.5W 1W 5W 7W 500K-20M 500K-100M Operating Temperature Range -55°C to +125°C 500K-500M 500K-1G 1M-500M (D±0.5%) (F±1%) (G±2%) (J±5%) (K±10%) Resistance Range (Ω) E-24 & 25, 50x10n Max. Overload Voltage GS2 GS3 2W 3W 500K-50M 500K -100M Max. Working Voltage Rated Ambient Temperature +25°C GS12 12W 500K-1G 1M-500M 500K-1G GS10 10W 1M-500M D: ±100 L: ±200 D: ±100 L: ±200 D: ±100 D: ±100 L: ±200 D: ±100 L: ±200 D: ±100 L: ±200 D: ±100 L: ±200 L: ±200 D: ±100 L: ±200 L: ±200 D: ±100 500K-100M 500K-200M 500K-500M 500K-500M 500K-1G 500K-500M 500K-1G 500K-500M 500K-1G 500K-1G 500K-500M 500K-10G 1M-500M 500K-10G 1M-500M 500K-10G 1M-500M 500K-200M 500K-500M 500K-500M 500K-5G 500K-500M 500K-5G 500K-500M 500K-10G 500K-10G 1M-50M 500K-50M 1M-50M 500K-50M 1M-50M 500K-50M 1M-100M 500K-100M 1M-100M 500K-100M 1M-100M 500K-100M 500K-100M 500K-500M 500K-10G 1M-500M 500K-10G 1M-500M 500K-10G 1M-500M 500K-200M 500K-500M 500K-500M 500K-5G 500K-500M 500K-5G 500K-500M 500K-10G 500K-10G 0.5kV 1kV 3kV 20kV 30kV 5kV 15kV 40kV 35kV 1kV 2kV 4.5kV 30kV 40kV 7.5kV 20kV 60kV 50kV 1.25kV 2.5kV 6kV 40kV 50kV 10kV 30kV 70kV 60kV 119 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/18/12 Taping packaging is available for GS1/4 and GS1/2. Please contact factory. Resistance T.C.R. 25°C +25°C/125°C Within regulated tolerance Within specified T.C.R. Performance Characteristics Parameter Requirement ∆ R ±% Test Method Overload (Short time) Rated voltage x 2.5 (GS1/4, GS1/2), rated voltage x 2 (GS1-GS12) or Max. overload voltage, whichever is lower for 5 seconds 2%: TCR 200x10-6/K 0.5%: TCR 100x10-6/K Resistance to Solder Heat 350°C ± 10°C, 3 seconds ± 0.5 seconds or 260°C ± 5°C, 10 seconds ± 1 second 2%: TCR 200x10-6/K 0.5%: TCR 100x10-6/K Moisture Resistance 40°C, 90% - 95%RH, 1000h 5%: TCR 200x10-6/K 2%: TCR 100x10-6/K Endurance @ 25°C 25°C, 1000 hours 1.5 hr ON/0.5 hr OFF cycle 3%: TCR 200x10-6/K 2%: TCR 100x10-6/K Voltage Coefficient GS1/4, 1/2 only, Rated voltage or max. working voltage, whichever is lower and 1/10 of its voltage ±50x10-6/V: TCR 200x10-6/K ±10x10-6/V: TCR 100x10-6/K environmental applications Rapid Change of Temperature -55°C (30 minutes)/ +125°C (30 minutes), 5 cycles 2%: TCR 200x10-6/K 0.5%: TCR 100x10-6/K Voltage Characteristics GS1 - 12, Rated voltage or max. working voltage, whichever is lower and 1/10 of its voltage 5%: TCR 200x10-6/K 3%: TCR 100x10-6/K Resistance to Solvent Soaking in IPA for 1 minute and brushing 10 times -3 cycles - liquid temperature 25°C ±5°C No evidence of damage to protective coating and marking Impulse Withstand Voltage An impulse voltage shall be applied 5 times at an interval of 1 minute No abnormality in appearance and flash-over |
Podobny numer części - GS10DC106F |
|
Podobny opis - GS10DC106F |