Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1DC106J Arkusz danych(PDF) 2 Page - KOA Speer Electronics, Inc.

Numer części GS1DC106J
Szczegółowy opis  high voltage high resistance thick film resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KOA [KOA Speer Electronics, Inc.]
Strona internetowa  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

GS1DC106J Arkusz danych(HTML) 2 Page - KOA Speer Electronics, Inc.

  GS1DC106J Datasheet HTML 1Page - KOA Speer Electronics, Inc. GS1DC106J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
applications and ratings
GS
high voltage high resistance thick film resistors
Part
Designation
Impulse
Withstand
Voltage
Power
Rating
T.C.R.
(ppm/°C)
Max.
GS1/4*
GS1/2*
GS5
GS1
GS7
0.25W
0.5W
1W
5W
7W
500K-20M
500K-100M
Operating
Temperature
Range
-55°C
to
+125°C
500K-500M
500K-1G
1M-500M
(D±0.5%)
(F±1%)
(G±2%)
(J±5%)
(K±10%)
Resistance Range (Ω)
E-24 & 25, 50x10n
Max.
Overload
Voltage
GS2
GS3
2W
3W
500K-50M
500K
-100M
Max.
Working
Voltage
Rated
Ambient
Temperature
+25°C
GS12
12W
500K-1G
1M-500M
500K-1G
GS10
10W
1M-500M
D: ±100
L: ±200
D: ±100
L: ±200
D: ±100
D: ±100
L: ±200
D: ±100
L: ±200
D: ±100
L: ±200
D: ±100
L: ±200
L: ±200
D: ±100
L: ±200
L: ±200
D: ±100
500K-100M
500K-200M
500K-500M
500K-500M
500K-1G
500K-500M
500K-1G
500K-500M
500K-1G
500K-1G
500K-500M
500K-10G
1M-500M
500K-10G
1M-500M
500K-10G
1M-500M
500K-200M
500K-500M
500K-500M
500K-5G
500K-500M
500K-5G
500K-500M
500K-10G
500K-10G
1M-50M
500K-50M
1M-50M
500K-50M
1M-50M
500K-50M
1M-100M
500K-100M
1M-100M
500K-100M
1M-100M
500K-100M
500K-100M
500K-500M
500K-10G
1M-500M
500K-10G
1M-500M
500K-10G
1M-500M
500K-200M
500K-500M
500K-500M
500K-5G
500K-500M
500K-5G
500K-500M
500K-10G
500K-10G
0.5kV
1kV
3kV
20kV
30kV
5kV
15kV
40kV
35kV
1kV
2kV
4.5kV
30kV
40kV
7.5kV
20kV
60kV
50kV
1.25kV
2.5kV
6kV
40kV
50kV
10kV
30kV
70kV
60kV
119
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
Taping packaging is available for GS1/4 and GS1/2. Please contact factory.
Resistance
T.C.R.
25°C
+25°C/125°C
Within regulated tolerance
Within specified T.C.R.
Performance Characteristics
Parameter
Requirement ∆ R ±%
Test Method
Overload (Short time)
Rated voltage x 2.5 (GS1/4, GS1/2), rated voltage x 2 (GS1-GS12)
or Max. overload voltage, whichever is lower for 5 seconds
2%: TCR 200x10-6/K
0.5%: TCR 100x10-6/K
Resistance to Solder Heat
350°C ± 10°C, 3 seconds ± 0.5 seconds or 260°C ± 5°C,
10 seconds ± 1 second
2%: TCR 200x10-6/K
0.5%: TCR 100x10-6/K
Moisture Resistance
40°C, 90% - 95%RH, 1000h
5%: TCR 200x10-6/K
2%: TCR 100x10-6/K
Endurance @ 25°C
25°C, 1000 hours
1.5 hr ON/0.5 hr OFF cycle
3%: TCR 200x10-6/K
2%: TCR 100x10-6/K
Voltage Coefficient
GS1/4, 1/2 only, Rated voltage or max. working voltage,
whichever is lower and 1/10 of its voltage
±50x10-6/V: TCR 200x10-6/K
±10x10-6/V: TCR 100x10-6/K
environmental applications
Rapid Change of Temperature
-55°C (30 minutes)/ +125°C (30 minutes), 5 cycles
2%: TCR 200x10-6/K
0.5%: TCR 100x10-6/K
Voltage Characteristics
GS1 - 12, Rated voltage or max. working voltage,
whichever is lower and 1/10 of its voltage
5%: TCR 200x10-6/K
3%: TCR 100x10-6/K
Resistance to Solvent
Soaking in IPA for 1 minute and brushing 10 times -3 cycles -
liquid temperature 25°C ±5°C
No evidence of damage to protective
coating and marking
Impulse Withstand Voltage
An impulse voltage shall be applied 5 times at an interval of 1 minute
No abnormality in appearance
and flash-over


Podobny numer części - GS1DC106J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
GS1DC106J KOA-GS1DC106J Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
More results

Podobny opis - GS1DC106J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KOA Speer Electronics, ...
GS1DC106 KOA-GS1DC106 Datasheet
102Kb / 3P
   high voltage high resistance thick film resistors
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com