Zakładka z wyszukiwarką danych komponentów |
|
ST1812CG8R2G631 Arkusz danych(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION |
|
ST1812CG8R2G631 Arkusz danych(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION |
2 / 10 page GENERAL ELECTRICAL DATA Item Characteristic Dielectric NPO X7R Size 1206 0603,0805,1206,1210,1808,1812,1825,2 220,2225 Capacitance range* 1.5pF to 220pF 100pF to 4.7uF Capacitance tolerance C: ±0.25pF @cap ≤5pF D: ±0.5pF @5pF ≤cap≤10pF J: ±5%, K: ±10% @cap ≥10pF J: ±5%,K: ±10%,M: ±20% Rated voltage (WVDC) 100V, 200V, 250V, 500V, 630V Tan δ* Q < 400+20C @cap<30pF Q ≥ 1000 @cap≥30pF Q ≤ 2.5% Insulation resistance at Ur** ≥10GΩ or RxC ≥100Ω-F whichever is smaller @Ur=100~630V ≥10GΩ @Ur=1000~3000V ≥10GΩ or RxC ≥500Ω-F whichever is smaller Operating temperature -55 to +125 °C Capacitance characteristic ±30ppm ±15% Termination Cu(or Ag)/Ni/Sn (lead-free termination) *Measured at the condition of 30%~70% related humidity. NPO: Apply 1.0±0.2Vrms, 1.0MHz±10% for cap ≤ 1000pF and 1.0±0.2Vrms, 1.0kHz±10% for cap>1000pF, 25°C at ambient temperature X7R: Apply 1.0±0.2Vrms, 1.0kHz±10%, at 25 °C ambient temperature **Measured at 500VDC for 60sec, for Ur > 500VDC STRUCTURE Meritek ST series is added a special termination material ( Ultra-Buffer or Anti-Bend) between ceramic body and Ni-barrier that can absorb mechanical stress to prevent bending crack occured. 100% Sn External Termination Inner Electrode Cu or Ag Termination Ultra-Buffer Ni-Barrier 100% Sn External Termination Rev.7 |
Podobny numer części - ST1812CG8R2G631 |
|
Podobny opis - ST1812CG8R2G631 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |