Zakładka z wyszukiwarką danych komponentów |
|
SLZ3TTE20L0G Arkusz danych(PDF) 1 Page - KOA Speer Electronics, Inc. |
|
SLZ3TTE20L0G Arkusz danych(HTML) 1 Page - KOA Speer Electronics, Inc. |
1 / 2 page 50 KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/17/13 SL, SLN, TSL surface mount molded current sense resistors features • Surface mount type • Flameproof UL94V0 molded polymer case • Excellent dimension accuracy, mountability and shock resistance • Low profile type available (TSL) • Marking: Black body color with white marking or laser marking • Products with lead-free terminations meet EU RoHS requirements. EU RoHS regulation is not intended for Pb-glass contained in electrode, resistor element and glass. • AEC-Q200 Qualified ordering information D: ±0.5% F: ±1% G: ±2% J: ±5% T: Sn L: SnPb (SL1, SL2, SL3, SLZ, TSL only) ±2%, ±5%: 2 significant figures + 1 multiplier “R” indicates decimal on value <10Ω ±0.5%, ±1%: 3 significant figures + 1 multiplier “R” indicates decimal on value <100Ω All values less than 0.1Ω (100mΩ) are expressed in mΩ with “L” as decimal Example: 20mΩ, 1% = 20L0 07: 0.75W 1: 1W 2: 2W 3: 3W SL SLN SLZ TSL SL07, SL1, SLZ1, TSL- (TE: 7" embossed plastic) SL2, SLN2, SL3- TE: 10" embossed plastic For further information on packaging please refer to Appendix A SL Type Size Nominal Resistance Tolerance Termination Material Packaging New Part # 1 TE 20L0 F T dimensions and construction W t L a b c c Molded Resin Resistive Element Electrode .453±.012 (11.5±0.3) .276±.008 (7.0±0.2) .276±.008 (7.0±0.2) .098±.008 (2.5±0.2) .197±.008 (5.0±0.2) .094±.008 (2.4±0.2) .102±.02 (2.6±0.5) .453±.012 (11.5±0.3) .217±.008 (5.5±0.2) .100±.016 (2.55±0.4) SL1/SLZ1 (2512) SL2 (4528) SLN2 (4528) c b a t W L Dimensions inches (mm) .248±.012 (6.3±0.3) .122±.008 (3.1±0.2) .075±.008 (1.9±0.2) .047±.008 (1.2±0.2) .067±.008 (1.7±0.2) .063±.008 (1.6±0.2) .047±.012 (1.2±0.3) .094±.008 (2.4±0.2) SL07 (2010) .197±.012 (5.0±0.3) .098±.008 (2.5±0.2) .067±.008 (1.7±0.2) .047±.008 (0.9±0.2) .035±.012 (1.2±0.3) .079±.008 (2.0±0.2) Size Code .453±.012 (11.5±0.3) .276±.008 (7.0±0.2) .098±.008 (2.5±0.2) .197±.008 (5.0±0.2) .102±.02 (2.6±0.5) SL3 (4528) .067±.008 (1.7±0.2) .122±.008 (3.1±0.2) .039±.008 (1.0±0.2) .248±.012 (6.3±0.3) .094±.008 (2.4±0.2) .047±.012 (1.2±0.3) TSL1 (2512) .028±.008 (0.7±0.2) EU Absolute Maximum Working Voltage Resistance Tolerance E-24* Resistance Range Part Designation Absolute Maximum Overload Voltage Operating Temperature Range Power Rating T.C.R. (ppm/°C) Max.*** applications and ratings SL1 1W 200V 400V ±180: R=<13mΩ ±100: R=>15mΩ 5mΩ - 1MΩ (G: ±2%) 3mΩ ~ 22MΩ 3mΩ, 4mΩ (J: ±5%) (F: ±1%) 10mΩ - 1MΩ (D: ±0.5%) SL07 0.75W –– –– 0~200: R=<10mΩ 0~150: R=>11mΩ 5mΩ - 100mΩ (J: ±5%) (F: ±1%) -55°C to +180°C |
Podobny numer części - SLZ3TTE20L0G |
|
Podobny opis - SLZ3TTE20L0G |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |