Zakładka z wyszukiwarką danych komponentów |
|
AD9888KS-140 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD9888KS-140 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 32 page REV. A AD9888 –6– PIN FUNCTION DESCRIPTIONS Pin Description Inputs RAIN0 Channel 0 Analog Input for RED GAIN0 Channel 0 Analog Input for GREEN BAIN0 Channel 0 Analog Input for BLUE RAIN1 Channel 1 Analog Input for RED GAIN1 Channel 1 Analog Input for GREEN BAIN1 Channel 1 Analog Input for BLUE High-impedance inputs that accept the RED, GREEN, and BLUE channel graphics signals, respectively. (The six channels are identical and can be used for any colors; colors are assigned for convenient reference.) They accommodate input signals ranging from 0.5 V to 1.0 V full scale. Signals should be ac-coupled to these pins to support clamp operation. HSYNC0 Channel 0 Horizontal Sync Input HSYNC1 Channel 1 Horizontal Sync Input These inputs receive a logic signal that establishes the horizontal timing reference and provides the frequency reference for pixel clock generation. The logic sense of this pin is controlled by serial register 0Eh Bit 6 (Hsync Polarity). Only the leading edge of Hsync is used by the PLL. The trailing edge is used for clamp timing only. When HSPOL = 0, the falling edge of Hsync is used. When HSPOL = 1, the rising edge is active. The input includes a Schmitt trigger for noise immunity, with a nominal input threshold of 1.5 V. VSYNC0 Channel 0 Vertical Sync Input VSYNC1 Channel 1 Vertical Sync Input These are the inputs for vertical sync. SOGIN0 Channel 0 Sync-on-Green Input SOGIN1 Channel 1 Sync-on-Green Input This input is provided to assist with processing signals with embedded sync, typically on the GREEN channel. The pin is connected to a high-speed comparator with an internally generated, variable threshold level, which is nominally set to 0.15 V above the negative peak of the input signal. When connected to an ac-coupled graphics signal with embedded sync, it will produce a noninverting digital output on SOGOUT. (This is usually a composite sync signal, containing both vertical and horizontal sync information.) When not used, this input should be left unconnected. For more details on this function and how it should be config- ured, refer to the Sync-on-Green section. CLAMP External Clamp Input This logic input may be used to define the time during which the input signal is clamped to the reference dc level (ground for RGB or midscale for YUV). It should be exercised when the reference dc level is known to be present on the analog input channels, typically during the back porch of the graphics signal. The CLAMP pin is enabled by setting the external clamp control (register 0Fh, Bit 7) to 1 (default is 0). When disabled, this pin is ignored and the clamp timing is determined internally by counting a delay and duration from the trailing edge of the HSYNC input. The logic sense of this pin is controlled by the clamp polarity control (register 0Fh, Bit 6). When not used, this pin must be grounded and external clamp programmed to 0. COAST Clock Generator Coast Input (Optional) This input may be used to cause the pixel clock generator to stop synchronizing with HSYNC and continue producing a clock at its current frequency and phase. This is useful when processing signals from sources that fail to produce horizontal sync pulses when in the vertical interval or that include equalization pulses. The Coast signal is usually not required for PC-generated signals. The logic sense of this pin is controlled by 0FH Bit 3 (Coast Polarity). When not used, this pin may be grounded and Coast Polarity programmed to 1, or tied HIGH (to VD through a 10 k Ω resistor) and Coast Polarity programmed to 0. The Coast Polarity register bit defaults to 1 at power-up. CKEXT External Clock Input (Optional) This pin may be used to provide an external clock to the AD9888, in place of the clock internally generated from HSYNC. It is enabled by programming the External clock register to 1 (15H, Bit 0). When an external clock is used, all other internal functions operate normally. When unused, this pin should be tied through a 10 k Ω resistor to GROUND, and the External Clock register programmed to 0. The clock phase adjustment still operates when an external clock source is used. |
Podobny numer części - AD9888KS-140 |
|
Podobny opis - AD9888KS-140 |