Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADDC02805SAKV Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADDC02805SAKV
Szczegółowy opis  28 V/66 W/100 W DC/DC Converters with Integral EMI Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADDC02805SAKV Arkusz danych(HTML) 4 Page - Analog Devices

  ADDC02805SAKV Datasheet HTML 1Page - Analog Devices ADDC02805SAKV Datasheet HTML 2Page - Analog Devices ADDC02805SAKV Datasheet HTML 3Page - Analog Devices ADDC02805SAKV Datasheet HTML 4Page - Analog Devices ADDC02805SAKV Datasheet HTML 5Page - Analog Devices ADDC02805SAKV Datasheet HTML 6Page - Analog Devices ADDC02805SAKV Datasheet HTML 7Page - Analog Devices ADDC02805SAKV Datasheet HTML 8Page - Analog Devices ADDC02805SAKV Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADDC02803SC/ADDC02805SA–Typical Performance Curves
REV. A
–4–
MAXIMUM POWER OUTPUT – Watts
16.0
15.5
30
55
35
40
45
50
14.0
13.5
13.0
15.0
14.5
60
65
70
80
90
100
ADDC02803SC
ADDC02805SA
Figure 4. Low Line Dropout vs. Load at +90
°C Case
Temperature
TCASE
5.100
5.050
4.900
–55
125
–35
–15
5
25
45
65
85
105
5.000
4.950
Figure 5. Output Voltage vs. Case Temperature (
°C)
(ADDC02805SA)
TCASE
3.340
3.320
3.260
–55
75
–45 –35 –25 –15 –5
5
15 25 35 45
55 65
3.300
3.280
85 95
Figure 6. Output Voltage vs. Case Temperature (
°C)
(ADDC02803SC)
OUTPUT POWER – WATTS
64
570
10
15
20
25
30
35
40
45
50
55
60
65
OUTPUT POWER – Watts
82
68
10
100
20
30
40
50
60
70
80
90
80
76
74
72
70
78
40V
18V
28V
VIN = 28V
VO = 5V
TC = +25 C
Figure 1. Efficiency vs. Line and Load at +25
°C
(ADDC02805SA)
OUTPUT POWER – Watts
80
70
64
570
10
15
20
25
30
35
40
45
50
55
60
65
78
72
68
66
76
74
18V
28V
40V
Figure 2. Efficiency vs. Line and Load at +25
°C
(ADDC02803SC)
TCASE – C
80
79
75
–55
–35
–15
5
25
45
65
78
77
76
85
81
ADDC02803SC
ADDC02805SA
Figure 3. Efficiency vs. Case Temperature (
°C)
(at Nominal VIN, 75% Max Load)


Podobny numer części - ADDC02805SAKV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
More results

Podobny opis - ADDC02805SAKV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADDC02803SC AD-ADDC02803SC_15 Datasheet
6Mb / 18P
   28 V 66 W 100 W DC/DC CONVERTERS WITH INTEGRAL EMI FILTER
REV. A
ADDC02815DA AD-ADDC02815DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA_15 Datasheet
191Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. 0
ADDC02812DA AD-ADDC02812DA Datasheet
259Kb / 20P
   28 V/100 W DC/DC Converters with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA Datasheet
204Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02805S AD-ADDC02805S_15 Datasheet
186Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. A
ADDC02828SA AD-ADDC02828SA_15 Datasheet
183Kb / 16P
   28 V/100 W DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB_15 Datasheet
471Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. 0
ADDC02808PB AD-ADDC02808PB Datasheet
287Kb / 20P
   28 V, 200 W Pulsed DC/DC Converter with Integral EMI Filter
REV. A
logo
Emerson Network Power
NXA66 EMERSON-NETWORKPOWER-NXA66 Datasheet
653Kb / 2P
   66 W Non-isolated DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com