Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML410PZA102MLZ Arkusz danych(PDF) 1 Page - Coilcraft lnc.

Numer części ML410PZA102MLZ
Szczegółowy opis  High Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COILCRAFT [Coilcraft lnc.]
Strona internetowa  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML410PZA102MLZ Arkusz danych(HTML) 1 Page - Coilcraft lnc.

  ML410PZA102MLZ Datasheet HTML 1Page - Coilcraft lnc. ML410PZA102MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document ML747-1 Revised 02/09/11
Inductance2
DCR (Ohms)3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
ML410PZA221MLZ
0.22
14
19
272
340
2.5
3.5
4.1
2.6
3.5
ML410PZA361MLZ
0.36
19
23
168
210
2.3
3.1
3.5
2.2
3.0
ML410PZA601MLZ
0.60
23
29
133
167
1.9
2.6
3.0
2.1
2.8
ML410PZA102MLZ
1.0
35
42
92.0
115
1.6
2.2
2.5
1.9
2.6
ML410PZA152MLZ
1.5
60
72
75.5
94.4
1.3
1.8
2.2
1.6
2.2
ML410PZA222MLZ
2.2
81
97
58.5
73.2
1.0
1.3
1.6
1.4
1.9
ML410PZA332MLZ
3.3
106
127
49.3
61.6
0.87
1.2
1.4
1.2
1.6
ML410PZA472MLZ
4.7
143
171
42.1
52.6
0.72
1.0
1.2
1.0
1.4
1. When ordering, please specify
testing code:
ML410PZA472MLZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops the specified amount from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
3012 POWER INDUCTORS
HighReliabilityPowerInductors ML410PZA
Terminations Tin-silver-copper over tin over nickel over silver.
Core material Composite
Weight 53 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
T&R packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel; 7500/13″ reel
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.25 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C
Low profile, ultra-miniature, shielded power inductor
Soft saturation makes them ideal for VRM/VRD applications.


Podobny numer części - ML410PZA102MLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
ML412PJB COILCRAFT-ML412PJB Datasheet
230Kb / 2P
   High-Reliability Power Inductors
ML412PJB102MLZ COILCRAFT-ML412PJB102MLZ Datasheet
230Kb / 2P
   High-Reliability Power Inductors
ML412PJB103MLZ COILCRAFT-ML412PJB103MLZ Datasheet
230Kb / 2P
   High-Reliability Power Inductors
ML412PJB104MLZ COILCRAFT-ML412PJB104MLZ Datasheet
230Kb / 2P
   High-Reliability Power Inductors
ML412PJB124MLZ COILCRAFT-ML412PJB124MLZ Datasheet
230Kb / 2P
   High-Reliability Power Inductors
More results

Podobny opis - ML410PZA102MLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com