Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST235RAA1N9JLZ Arkusz danych(PDF) 2 Page - Coilcraft lnc.

Numer części ST235RAA1N9JLZ
Szczegółowy opis  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COILCRAFT [Coilcraft lnc.]
Strona internetowa  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST235RAA1N9JLZ Arkusz danych(HTML) 2 Page - Coilcraft lnc.

  ST235RAA1N9JLZ Datasheet HTML 1Page - Coilcraft lnc. ST235RAA1N9JLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ST235RAA Series (0402)
Document ST198-2 Revised 10/25/12
0402 CHIP INDUCTORS
1. When ordering, specify
tolerance, termination and testing codes:
ST235RAAR10GLZ
Tolerance:
F = 1% G = 2% J = 5%
Termination: L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5) over silver-palla-
dium-platinum-glass frit
S = non-RoHS tin-lead (63/37) over silver-palladium-
platinum-glass frit.
R = Tin over nickel over silver-platinum-glass frit.
Q = RoHS tin-silver-copper (95.5/4/0.5) over tin over
nickel over silver-platinum-glass frit.
P = non-RoHS tin-lead (63/37) over tin over nickel over
silver-platinum-glass frit.
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
Inductance2 Percent
900 MHz
1.7 GHz
SRF min5 DCR max6 Imax
Part number1
(nH)
tolerance
Q min3
L typ Q typ4
L typ Q typ4
(GHz)
(Ohms)
(mA)
ST235RAA1N0JLZ
1.0
5
20
1.02
77
1.02
69
>5.00
0.045
600
ST235RAA1N8JLZ
1.8
5
20
1.78
54
1.78
75
>5.00
0.070
600
ST235RAA1N9JLZ
1.9
5
20
1.72
68
1.74
82
>5.00
0.070
600
ST235RAA2N0_LZ
2.0
5,2
20
1.93
54
1.93
75
>5.00
0.070
600
ST235RAA2N2_LZ
2.2
5,2
20
2.19
59
2.23
100
>5.00
0.070
600
ST235RAA2N4_LZ
2.4
5,2
20
2.24
51
2.27
68
>5.00
0.068
600
ST235RAA3N3_LZ
3.3
5,2,1
20
3.10
65
3.12
87
>5.00
0.066
600
ST235RAA3N6_LZ
3.6
5,2,1
20
3.56
45
3.62
71
>5.00
0.066
600
ST235RAA3N9_LZ
3.9
5,2,1
20
3.89
50
4.00
75
>5.00
0.066
600
ST235RAA4N3_LZ
4.3
5,2,1
20
4.19
47
4.30
71
>5.00
0.091
600
ST235RAA4N7_LZ
4.7
5,2,1
20
4.55
48
4.68
68
4.77
0.130
600
ST235RAA5N1_LZ
5.1
5,2,1
20
5.15
56
5.25
82
4.80
0.083
600
ST235RAA5N6_LZ
5.6
5,2,1
20
5.16
54
5.28
81
4.80
0.083
600
ST235RAA6N2_LZ
6.2
5,2,1
20
6.16
52
6.37
76
4.80
0.083
600
ST235RAA6N8_LZ
6.8
5,2,1
20
6.56
63
6.93
78
4.80
0.083
600
ST235RAA7N5_LZ
7.5
5,2,1
22
7.91
60
8.22
88
4.80
0.104
600
ST235RAA8N2_LZ
8.2
5,2,1
22
8.50
57
8.85
84
4.40
0.104
600
ST235RAA8N7_LZ
8.7
5,2,1
20
8.78
54
9.21
73
3.80
0.195
480
ST235RAA9N0_LZ
9.0
5,2,1
22
9.07
62
9.53
78
4.66
0.100
680
ST235RAA9N5_LZ
9.5
5,2,1
20
9.42
54
9.98
69
3.48
0.195
480
ST235RAA10N_LZ
10.0
5,2,1
21
9.8
50
10.10
67
3.68
0.195
480
ST235RAA11N_LZ
11.0
5,2,1
24
10.7
52
11.20
78
3.48
0.120
580
ST235RAA12N_LZ
12.0
5,2,1
24
11.9
53
12.70
71
3.60
0.120
580
ST235RAA13N_LZ
13.0
5,2,1
20
13.4
51
14.63
57
3.28
0.210
440
ST235RAA15N_LZ
15.0
5,2,1
22
14.6
55
15.50
77
3.10
0.172
500
ST235RAA16N_LZ
16.0
5,2,1
23
16.6
46
18.86
47
3.05
0.220
480
ST235RAA18N_LZ
18.0
5,2,1
24
18.3
57
20.28
62
2.68
0.230
420
ST235RAA19N_LZ
19.0
5,2,1
24
19.1
50
21.10
67
3.00
0.202
460
ST235RAA20N_LZ
20.0
5,2,1
24
20.7
52
23.66
53
2.90
0.250
400
ST235RAA22N_LZ
22.0
5,2,1
24
23.2
53
26.75
53
2.80
0.300
380
ST235RAA23N_LZ
23.0
5,2,1
24
23.8
49
26.90
64
2.72
0.300
400
ST235RAA24N_LZ
24.0
5,2,1
24
25.1
51
29.50
50
2.60
0.300
390
ST235RAA27N_LZ
27.0
5,2,1
24
28.7
49
33.50
63
2.48
0.298
380
ST235RAA30N_LZ
30.0
5,2,1
24
31.1
46
38.50
39
2.35
0.410
340
ST235RAA33N_LZ
33.0
5,2,1
20
34.9
31
41.74
32
2.30
0.300
340
ST235RAA36N_LZ
36.0
5,2,1
24
39.5
44
48.40
53
2.20
0.440
310
ST235RAA40N_LZ
40.0
5,2,1
24
39.0
44
47.40
33
2.24
0.440
290
2. Inductance measured at 250 MHz using a Coilcraft SMD-F test fixture
and Coilcraft-provided correlation pieces with an Agilent/HP 4286A
impedance analyzer or equivalent.
3. Q measured at 250 MHz using an Agilent/HP 4291A with an Agilent/
HP 16197A test fixture or equivalents.
4. Q measured using an Agilent/HP 4291A with an Agilent/HP 16197A test
fixture or equivalents.
5. SRF measured using an Agilent/HP 8753ES network analyzer and a
Coilcraft CCF1192 test fixture.
6. DCR measured on a Keithley 580 micro-ohmmeter and a Coilcraft
CCF1192 test fixture.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Podobny numer części - ST235RAA1N9JLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
More results

Podobny opis - ST235RAA1N9JLZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAG COILCRAFT-ST312RAG Datasheet
188Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com