Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1021AARQ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADM1021AARQ
Szczegółowy opis  Low-Cost Microprocessor System Temperature Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1021AARQ Arkusz danych(HTML) 4 Page - Analog Devices

  ADM1021AARQ Datasheet HTML 1Page - Analog Devices ADM1021AARQ Datasheet HTML 2Page - Analog Devices ADM1021AARQ Datasheet HTML 3Page - Analog Devices ADM1021AARQ Datasheet HTML 4Page - Analog Devices ADM1021AARQ Datasheet HTML 5Page - Analog Devices ADM1021AARQ Datasheet HTML 6Page - Analog Devices ADM1021AARQ Datasheet HTML 7Page - Analog Devices ADM1021AARQ Datasheet HTML 8Page - Analog Devices ADM1021AARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LEAKAGE RESISTANCE – M
20
15
–25
100
10
1
0
–10
–15
–20
10
5
–5
–30
D+ TO GND
D+ TO VDD
TPC 1. Temperature Error vs. PC Board Track Resistance
3
1
0
2
FREQUENCY – Hz
100
4
5
100M
1k
10k
100k
1M
10M
250mV p-p REMOTE
100mV p-p REMOTE
TPC 2. Temperature Error vs. Power Supply Noise
Frequency
5
4
3
1
0
2
FREQUENCY – Hz
1
10
1k
10k
10M
100M
6
7
8
9
100
100k
1M
50mV p-p
100mV p-p
25mV p-p
TPC 3. Temperature Error vs. Common-Mode Noise
Frequency
TEMPERATURE – C
50
60
0
70
80
100
120
–3
–1
1
2
–2
90
110
DEV10
LOWER SPEC LEVEL
UPPER SPEC LEVEL
TPC 4. Temperature Error of ADM1021A vs. Pentium
III Temperature
CAPACITANCE – nF
–1
2
12
14
46
8
10
12
1416
18
2022
24
0
2
4
6
8
10
TPC 5. Temperature Error vs. Capacitance Between D+
and D–
SCLK FREQUENCY – kHz
1
20
0
VDD = 3.3V
510255075
100
1000
250
500
750
40
60
70
50
30
10
VDD = 5V
TPC 6. Standby Supply Current vs. Clock Frequency
ADM1021A–Typical Performance Characteristics
–4–
REV. D


Podobny numer części - ADM1021AARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADM1021AARQZ ONSEMI-ADM1021AARQZ Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
ADM1021AARQZ-R ONSEMI-ADM1021AARQZ-R Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021AARQZ-R7 ONSEMI-ADM1021AARQZ-R7 Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
More results

Podobny opis - ADM1021AARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1021 AD-ADM1021 Datasheet
139Kb / 12P
   Low Cost Microprocessor System Temperature Monitor
REV. 0
logo
ON Semiconductor
ADM1021A ONSEMI-ADM1021A_12 Datasheet
240Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
July, 2012 ??Rev. 9
ADM1021A ONSEMI-ADM1021A Datasheet
158Kb / 15P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
June, 2010 ??Rev. 8
NCT210 ONSEMI-NCT210 Datasheet
197Kb / 16P
   Low Cost Microprocessor System Temperature Monitor Microcomputer
September, 2012 ??Rev. 2
logo
Analog Devices
ADM9240 AD-ADM9240 Datasheet
280Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
logo
ON Semiconductor
ADM9240 ONSEMI-ADM9240 Datasheet
5Mb / 22P
   Low Cost Microprocessor System Hardware Monitor
May 2010 - Rev.2
logo
Analog Devices
ADM9240ARU-REEL AD-ADM9240ARU-REEL Datasheet
288Kb / 22P
   Low Cost Microprocessor System Hardware Monitor
REV. 0
ADM1020 AD-ADM1020 Datasheet
132Kb / 12P
   8-Lead, Low-Cost, System Temperature Monitor
REV. 0
EVAL-ADM1023 AD-EVAL-ADM1023 Datasheet
292Kb / 12P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. A 11/10/99
EVAL-ADM1022 AD-EVAL-ADM1022 Datasheet
346Kb / 14P
   Evaluation Board for Microprocessor System Temperature Monitor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com