Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1029ARQ Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADM1029ARQ
Szczegółowy opis  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1029ARQ Arkusz danych(HTML) 3 Page - Analog Devices

  ADM1029ARQ Datasheet HTML 1Page - Analog Devices ADM1029ARQ Datasheet HTML 2Page - Analog Devices ADM1029ARQ Datasheet HTML 3Page - Analog Devices ADM1029ARQ Datasheet HTML 4Page - Analog Devices ADM1029ARQ Datasheet HTML 5Page - Analog Devices ADM1029ARQ Datasheet HTML 6Page - Analog Devices ADM1029ARQ Datasheet HTML 7Page - Analog Devices ADM1029ARQ Datasheet HTML 8Page - Analog Devices ADM1029ARQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
REV. 0
–3–
ADM1029
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SERIAL BUS TIMING
5 (continued)
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
450
µs
See Figure 1
SCL, SDA Rise Time, tR
1000
ns
See Figure 1
SCL, SDA Fall Time, tF
300
ns
See Figure 1
Data Setup Time, tSU:DAT
250
ns
See Figure 1
Data Hold Time, tHD:DAT
300
ns
See Figure 1
NOTES
1All voltages are measured with respect to GND, unless otherwise specified.
2Typicals are at T
A = 25
°C and represent most likely parametric norm. Shutdown current typ is measured with V
CC = 3.3 V.
3TUE (Total Unadjusted Error) includes Offset, Gain, and Linearity errors of the ADC, multiplexer.
4The total fan count is based on two pulses per revolution of the fan tachometer output.
5Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.1 V for a rising edge.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . 6.5 V
Voltage on Pins 13–18 . . . . . . . . . . . . –0.3 V to (VCC + 0.3 V)
Voltage on Any Other Input or Output Pin . . . . –0.3 V to +6.5 V
Input Current at Any Pin . . . . . . . . . . . . . . . . . . . . . . .
±5 mA
Package Input Current . . . . . . . . . . . . . . . . . . . . . . .
±20 mA
Maximum Junction Temperature (TJ max) . . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 200
°C
ESD Rating All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 V
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
ADM1029
TOP VIEW
(Not To Scale)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DRIVE1
FAULT1
TACH1
PRESENT1
SCL
SDA
GND
VCC
CFAULT
INT
GPIO2
RESET
DRIVE2
FAULT2
TACH2
PRESENT2
AIN1/GPIO1
AIN0/GPIO0
TMIN/INSTALL
D2+/GPIO6
D2–/GPIO5
ADD
D1+/GPIO4
D2–/GPIO3
THERMAL CHARACTERISTICS
24-Lead QSOP Package:
θ
JA = 105
°C/W, θ
JC = 39
°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
ADM1029ARQ 0
°C to 100°C
Shrink Small Outline RQ-24
Package (QSOP)
P
S
S
P
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tSU;STO
tLOW
tR
tF
tHD;STA
SCL
SDA
tBUF
Figure 1. Diagram for Serial Bus Timing


Podobny numer części - ADM1029ARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADM1029ARQZ ONSEMI-ADM1029ARQZ Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ-R7 ONSEMI-ADM1029ARQZ-R7 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results

Podobny opis - ADM1029ARQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com