Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM1051A Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADM1051A
Szczegółowy opis  Precision Dual Voltage Regulator Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM1051A Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADM1051A Datasheet HTML 2Page - Analog Devices ADM1051A Datasheet HTML 3Page - Analog Devices ADM1051A Datasheet HTML 4Page - Analog Devices ADM1051A Datasheet HTML 5Page - Analog Devices ADM1051A Datasheet HTML 6Page - Analog Devices ADM1051A Datasheet HTML 7Page - Analog Devices ADM1051A Datasheet HTML 8Page - Analog Devices ADM1051A Datasheet HTML 9Page - Analog Devices ADM1051A Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
REV. 0
ADM1051/ADM1051A
–8–
HICCUP MODE FAULT PROTECTION
Hiccup Mode Fault Protection is a simple method of protecting
the external power device without the added cost of external sense
resistors or a current sense pin on the ADM1051/ADM1051A. In
the event of a short-circuit condition at the output, the output
voltage will fall. When the output voltage of a channel falls
20% below the nominal voltage, this is sensed by the hiccup com-
parator and the channel will go into Hiccup Mode, where the
enable signal to the control amplifier is pulsed on and off
with a 1:40 duty cycle. As mentioned earlier, Hiccup Mode
does not operate on Channel 2 of the ADM1051A.
To prevent the device inadvertently going into Hiccup Mode dur-
ing power-up or during channel enabling, the Hiccup Mode is
held off for approximately 60 ms on both channels. By this time
the output voltage should have reached its correct value. In the
case of power-up, the hold-off period starts when VCC reaches
the power-on reset threshold of 6 V–9 V. In the case of channel
enabling, the hold-off period starts when
SHDN is taken high.
Note that the hold-off timeout applies to both channels even if
only one channel is disabled/enabled.
As the 3.3 V input to the drain of the MOSFET is not monitored,
it should ideally rise at the same or a faster rate than VCC. At the
very least it must be available in time for VOUT to reach its final
value before the end of the power-on delay. If the output voltage
is still less than 80% of the correct value after the power-on delay,
the device will go into Hiccup Mode until the output voltage
exceeds 80% of the correct value during a Hiccup Mode on-
period. Of course, if there is a fault condition at the output
during power-up, the device will go into Hiccup Mode after the
power-up delay and remain there until the fault condition is
removed.
The effect of power-on delay is illustrated in Figure 4. This shows
an ADM1051/ADM1051A being powered up with a fault
condition. The output current rises to a very high value dur-
ing the power-on delay, then the device goes into Hiccup Mode
and the output is pulsed on and off at 1:40 duty cycle. When the
fault condition is removed, the output voltage recovers to its
normal value at the end of the Hiccup Mode off period.
The load current at which the ADM1051/ADM1051A will go
into Hiccup Mode is determined by three factors:
• the input voltage to the drain of the MOSFET, VIN
• the output voltage VOUT (–20%)
• the on-resistance of the MOSFET, RON
IHICCUP = (VIN – (0.8
× VOUT))/RON
It should be emphasized that the Hiccup Mode is not intended
as a precise current limit but as a simple method of protecting
the external MOSFET against catastrophic fault conditions such
as output short-circuits.
APPLICATIONS INFORMATION
PCB LAYOUT
For optimum voltage regulation, the loads should be placed as
close as possible to the source of the output MOSFETs and
feedback to the sense inputs should be taken from a point as
close to the loads as possible. The PCB tracks from the loads
back to the sense inputs should be separate from the output
tracks and not carry any load current.
Similarly, the ground connection to the ADM1051/ADM1051A
should be made as close as possible to the ground of the loads, and
the ground track from the loads to the ADM1051/ADM1051A
should not carry load current. Good and bad layout practice is
illustrated in Figure 5.
I1
I2
VOLTAGE DROP
IN GROUND LEAD
VOLTAGE DROP
BETWEEN OUTPUT
AND LOAD
VIN
3.3V
FORCE 1
FORCE 2
SENSE 1
SENSE 2
GND
VCC
12V
VOUT1
I1
I2
LOAD 1
VOUT2
LOAD 2
BAD
VIN
3.3V
GND
VCC
12V
VOUT1
I1
I2
LOAD 1
VOUT2
LOAD 2
GOOD
FORCE 1
FORCE 2
SENSE 1
SENSE 2
Figure 5. Good and Bad Layout Practice


Podobny numer części - ADM1051A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
More results

Podobny opis - ADM1051A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1051 AD-ADM1051_15 Datasheet
182Kb / 10P
   Precision Dual Voltage Regulator Controllers
REV. 0
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
logo
Maxim Integrated Produc...
MAX8737 MAXIM-MAX8737 Datasheet
749Kb / 15P
   Dual, Low-Voltage Linear Regulator Controllers with External MOSFETs
Rev 0; 5/05
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
   Precision Voltage Regulator
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
   PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com