Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74479763147 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74479763147
Szczegółowy opis  SMD-power inductance WE-PMI
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74479763147 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74479763147 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479763147 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479763147 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74479763147 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bezeichnung :
description :
J Rollenspezifikation / Tape & Reel specification :
Tape Spezifikation / tape specification
Polystyrene / polystyrene
mm / mm
Reel Spezifikation / reel specification
Kunststoff / Plastic
mm / mm
Maß /
size
A
178
B
1,5
min.
C
13.0
± 0.8
D
20,2
min.
N
50
min.
W1
8,4
± 1.5
W2
14,4
max.
W3
7,9
min.
W3
10,9
max.
DDi
Version 1
11-07-25
Name
Änderung / modification
Datum / date
SMD-Powerinduktivität WE-PMI
SMD-power inductance WE-PMI
DATUM / DATE : 2011-07-25
Material / Material:
Abmessungen in / dimensions in
Spezifikation für Freigabe / specification for release
Kunde / customer :
Artikelnummer / part number :
74479763147
Material / Material:
Abmessungen in / dimensions in
Bandbreite 8 mm /
Tape width 8 mm
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Datum / date
Unterschrift / signature
Würth Elektronik
http://www.we-online.com
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
SEITE 4 VON 4


Podobny numer części - 74479763147

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74479763147A WURTH-74479763147A Datasheet
540Kb / 7P
   WE-PMI Power Multilayer Inductor
001.004
More results

Podobny opis - 74479763147

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74479775147 WURTH-74479775147 Datasheet
619Kb / 4P
   SMD-power inductance WE-PMI
74479775210 WURTH-74479775210 Datasheet
202Kb / 4P
   SMD-power inductance WE-PMI
74479887310 WURTH-74479887310 Datasheet
131Kb / 3P
   SMD-power inductance WE-PMI
74479787247 WURTH-74479787247 Datasheet
213Kb / 4P
   SMD-power inductance WE-PMI
74479775147A WURTH-74479775147A Datasheet
406Kb / 4P
   SMD-power inductance WE-PMI
74479763210 WURTH-74479763210 Datasheet
679Kb / 4P
   SMD-power inductance WE-PMI
74479887210 WURTH-74479887210 Datasheet
131Kb / 3P
   SMD-power inductance WE-PMI
74479887222 WURTH-74479887222 Datasheet
131Kb / 3P
   SMD-power inductance WE-PMI
74479887247 WURTH-74479887247 Datasheet
131Kb / 3P
   SMD-power inductance WE-PMI
74479776222 WURTH-74479776222 Datasheet
412Kb / 4P
   SMD-power inductance WE-PMI
74479787147A WURTH-74479787147A Datasheet
564Kb / 4P
   SMD-power inductance WE-PMI
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com