Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL362 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADXL362
Szczegółowy opis  Ultralow Power, 3-Axis, Motion Activated Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL362 Arkusz danych(HTML) 5 Page - Analog Devices

  ADXL362 Datasheet HTML 1Page - Analog Devices ADXL362 Datasheet HTML 2Page - Analog Devices ADXL362 Datasheet HTML 3Page - Analog Devices ADXL362 Datasheet HTML 4Page - Analog Devices ADXL362 Datasheet HTML 5Page - Analog Devices ADXL362 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Circuit Note
CN-0274
Rev. A | Page 5 of 6
Figure 3. Photo of EVAL-CN0274-SDPZ PCB
COMMON VARIATIONS
The maximum continuous operating current of the ADP195 is
fixed at 1.1 A. For applications requiring more downstream power,
a higher current rated switch can be used in place of the ADP195.
By sacrificing approximately 15 µA of quiescent current, the
ADP197 is capable of providing 3 A of current to downstream
circuitry. For applications requiring less downstream power, the
ADP190 can be used. It has a continuous current of 500 mA
and is available in a smaller WLCSP package than the ADP195.
A second variant of the provided solution is to create a free fall
detection system. This function can be implemented using the
inactivity interrupt. When an object is in true free-fall, acceleration
on all axes is 0 g. Thus, free-fall detection is achieved by looking
for acceleration on all axes to fall below a certain threshold (close to
0 g) for a certain amount of time.
The ADXL362 functions as a free-fall detector by setting the
inactivity threshold (300 mg to 600 mg) and inactivity time
(150 ms to 350 ms). The register setting for these values varies
based on the g-range setting of the device.
CIRCUIT EVALUATION AND TEST
This circuit uses the EVAL-SDP-CS1Z System Demonstration
Platform (SDP) evaluation board and the EVAL-CN0274-SDPZ
circuit board. The two boards have 120-pin mating connectors,
allowing for the quick setup and evaluation of the performance
of the circuit.
The EVAL-CN0274-SDPZ contains the circuit to be evaluated,
as described in this note, and the EVAL-SDP-CS1Z is used with
the CN0274 evaluation software to capture the data from the
EVAL-CN0274-SDPZ.
Because the ADXL362 requires a relatively small amount of
power in both the asleep and awake states, it is possible to
power the EVAL-CN0274-SDPZ from the digital data lines
coming out of the EVAL-SDP-CS1Z.
Equipment Needed
The following equipment is needed:
• A PC with a USB port and Windows® XP or Windows Vista®
(32-bit), or Windows® 7 (32-bit)
• The EVAL-CN0274-SDPZ evaluation board
• The EVAL-SDP-CS1Z evaluation board
• The CN0274 Evaluation Software
• A power supply: 3.0 V or 2 AAA batteries.
Getting Started
Load the evaluation software by placing the CN0274 evaluation
software CD into the PC. Using My Computer, locate the drive
that contains the evaluation software CD and open the Readme
file. Follow the instructions contained in the Readme file for
installing and using the evaluation software.


Podobny numer części - ADXL362

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
   Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
ADXL362BCCZ-R2 AD-ADXL362BCCZ-R2 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL AD-ADXL362BCCZ-RL Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362BCCZ-RL7 AD-ADXL362BCCZ-RL7 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
ADXL362 AD-ADXL362_13 Datasheet
1Mb / 44P
   Micropower, 3-Axis, 2g/4g/8g Digital Output MEMS Accelerometer
REV. B
More results

Podobny opis - ADXL362

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMA7660FC FREESCALE-MMA7660FC_12 Datasheet
599Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
MMA7660FC FREESCALE-MMA7660FC Datasheet
803Kb / 34P
   3-Axis Orientation/Motion Detection Sensor
logo
NXP Semiconductors
MMA7660FC NXP-MMA7660FC Datasheet
705Kb / 35P
   3-Axis Orientation/Motion Detection Sensor
Rev 8, 03/2012
logo
TRINAMIC Motion Control...
TMCM-310 TRINAMIC-TMCM-310_07 Datasheet
222Kb / 2P
   3-Axis Stepper Motor Motion Control Module
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
   RPM ACTIVATED SWITCH
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
   Voice Activated Switch
logo
TDK Electronics
DK-20948 TDK-DK-20948 Datasheet
360Kb / 1P
   9-Axis Motion Sensor
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
   6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
   6-Axis Motion Sensor
DK-20789 TDK-DK-20789 Datasheet
366Kb / 1P
   7-Axis Motion Sensor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com