Zakładka z wyszukiwarką danych komponentów |
|
D050303XM-1W Arkusz danych(PDF) 3 Page - Microdc power Technology Co., Ltd |
|
D050303XM-1W Arkusz danych(HTML) 3 Page - Microdc power Technology Co., Ltd |
3 / 3 page D-XM-1W D-XM-1W D-XM-1W D-XM-1W D-XM-1W D-XM-1W D-XM-1W D-XM-1W Series Series http://www.microdc.cn Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646 Page 3 of 3 OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS & & & & & & & & FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS DETAILS MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL MECHANICAL DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS Note: Unit:mm[ inch] Pin sect ion tolerances:±0.10mm[±0.004inch] General tolerances:±0.25mm[±0.010inch] RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED RECOMMENDED FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT FOOTPRINT TUBE TUBE TUBE TUBE TUBE TUBE TUBE TUBE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE OUTLINE DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS DIMENSIONS Note: Unit :mm[inch] General tolerances: ±0.50mm[±0.020inch] L=530mm[20.866inch] Tube Quantity: 30pcs L=220mm[8.661inch] Tube Quantity: 11pcs Microdc Professional Power Module,Inc. Tel:0086-20-86000646 E-mail:tech@microdc.cn Website:http://www.microdc.cn RoHS RoHS RoHS RoHS COMPLIANT COMPLIANT COMPLIANT COMPLIANT INFORMATION INFORMATION INFORMATION INFORMATION This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are backward compatible with Sn/Pb soldering systems. REACH REACH REACH REACH COMPLIANT COMPLIANT COMPLIANT COMPLIANT INFORMATION INFORMATION INFORMATION INFORMATION This series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. |
Podobny numer części - D050303XM-1W |
|
Podobny opis - D050303XM-1W |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |