Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC104S085CISDX Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części DAC104S085CISDX
Szczegółowy opis  10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC104S085CISDX Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button DAC104S085CISDX Datasheet HTML 6Page - Texas Instruments DAC104S085CISDX Datasheet HTML 7Page - Texas Instruments DAC104S085CISDX Datasheet HTML 8Page - Texas Instruments DAC104S085CISDX Datasheet HTML 9Page - Texas Instruments DAC104S085CISDX Datasheet HTML 10Page - Texas Instruments DAC104S085CISDX Datasheet HTML 11Page - Texas Instruments DAC104S085CISDX Datasheet HTML 12Page - Texas Instruments DAC104S085CISDX Datasheet HTML 13Page - Texas Instruments DAC104S085CISDX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
DAC104S085
SNAS362E – MAY 2006 – REVISED OCTOBER 2012
www.ti.com
Typical Performance Characteristics
VREF = VA, fSCLK = 30 MHz, TA = 25C, Input Code Range 12 to 1011, unless otherwise stated
INL at VA = 3.0V
INL at VA = 5.0V
Figure 3.
Figure 4.
DNL at VA = 3.0V
DNL at VA = 5.0V
Figure 5.
Figure 6.
INL/DNL
INL/DNL
vs
vs
VREFIN at VA = 3.0V
VREFIN at VA = 5.0V
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Links: DAC104S085


Podobny numer części - DAC104S085CISDX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC104S085CIMM NSC-DAC104S085CIMM Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085CIMMX NSC-DAC104S085CIMMX Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results

Podobny opis - DAC104S085CISDX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
   10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com