Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX1255CA06000H0QTWZ1 Arkusz danych(PDF) 1 Page - Kyocera Kinseki Corpotation

Numer części CX1255CA06000H0QTWZ1
Szczegółowy opis  11.8횞5.5mm for Automotive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KSS [Kyocera Kinseki Corpotation]
Strona internetowa  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX1255CA06000H0QTWZ1 Arkusz danych(HTML) 1 Page - Kyocera Kinseki Corpotation

  CX1255CA06000H0QTWZ1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.8
×5.5mm for Automotive
Crystal Units
Surface Mount Type CX1255CA
RoHS Compliant
Features
• Crystal unit for automotive electronics
• Small and low profile (11.8
×5.5×2.5mm)
• Ceramic package
• Reflow compatible
• AEC-Q200 qualitied
Applications
• ECU
How to Order
CX1255CA 04000 □□ □ □ □ □□
③ ④ ⑤ ⑥ ⑦
① Series
② Frequency
③ Load Capacitance
D0
8 pF
H0
12 pF
Std.
④ Frequency Stability
P
±50×10-6
Q
±100×10-6 Std.
⑤Operating Temp. Range ⑥Frequency Temp. Stability
TW
-40 to +150°C
±200×10-6
Std.
⑦ Individual Specification
7.7
5.0
2.7
Recommended Land Pattern
(Unit: mm)
11.8±0.3
7.0
CONNECTION
2.0
Dimensions
(Unit: mm)
Table1 Motional Series Resistance
Frequency Range
Motional Series Resistance
3500 to 3999kHz
200
Ω max.
4000 to 7999kHz
180
Ω max.
8000 to 11999kHz
120
Ω max.
12000 to 20000kHz
80
Ω max.
Table2 Level of Drive
Frequency Range
Level of Drive
3500 to 15999kHz
10
μW (500μW max.)
16000 to 20000kHz
10
μW (300μW max.)
Specifications
Item
Symbol
Specification
Units
Remarks
Frequency Range
f_nom
3500 to 20000
kHz
Overtone Order
OT
Fundamental
Load Capacitance
CL
12
pF
Frequency Stability
f_tol
±100
×10-6
25
°C±3°C
Motional Series Resistance
R1
Table 1
ohm
Drive Level
DL
Table 2
μW
Operating Temp. Range
T_use
-40 to +150
°C
Storage Temp. Range
T_stg
-40 to +150
°C
Frequency Temp. Characteristics
f_tem
±200
×10-6
Freq. deviation from the value at 25
°C
• Please contact us for other specifications.
Typical Frequencies and Part Numbers
Frequency (kHz)
Part Number
4000.000
CX1255CA04000H0QTWZ1
5000.000
CX1255CA05000H0QTWZ1
6000.000
CX1255CA06000H0QTWZ1
8000.000
CX1255CA08000H0QTWZ1
10000.000
CX1255CA10000H0QTWZ1
12000.000
CX1255CA12000H0QTWZ1
16000.000
CX1255CA16000H0QTWZ1
18000.000
CX1255CA18000H0QTWZ1
20000.000
CX1255CA20000H0QTWZ1


Podobny numer części - CX1255CA06000H0QTWZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COTEK ELECTRONIC IND. C...
CX1250 COTEK-CX1250 Datasheet
236Kb / 7P
   Advanced Battery Charger
20/10/20
logo
Ledil, Inc.
CX12568 LEDIL-CX12568 Datasheet
1Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel.
More results

Podobny opis - CX1255CA06000H0QTWZ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NIHON DEMPA KOGYO
NX3225GA_16 NDK-NX3225GA_16_11 Datasheet
719Kb / 1P
   For Automotive
NX2016SA NDK-NX2016SA_18 Datasheet
713Kb / 1P
   For Automotive
NX1612SA NDK-NX1612SA_18 Datasheet
697Kb / 1P
   For Automotive
NX8045GB NDK-NX8045GB_16 Datasheet
695Kb / 1P
   For Automotive
WFC75C1472CE NDK-WFC75C1472CE Datasheet
843Kb / 1P
   For Automotive
NX3225GB NDK-NX3225GB Datasheet
301Kb / 1P
   For Automotive
NX5032SD NDK-NX5032SD_15 Datasheet
293Kb / 1P
   For Automotive
NX5032SD NDK-NX5032SD_16 Datasheet
696Kb / 1P
   For Automotive
WFC68K0433CJ NDK-WFC68K0433CJ_18 Datasheet
987Kb / 2P
   For Automotive
NX3225SC NDK-NX3225SC_16 Datasheet
688Kb / 1P
   For Automotive
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com