Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP260N6F6 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STP260N6F6
Szczegółowy opis  N-channel 60 V, 0.0024 廓, 120 A STripFET??VI DeepGATE??Power MOSFET in TO-220 and I짼PAK packages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP260N6F6 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STP260N6F6 Datasheet HTML 1Page - STMicroelectronics STP260N6F6 Datasheet HTML 2Page - STMicroelectronics STP260N6F6 Datasheet HTML 3Page - STMicroelectronics STP260N6F6 Datasheet HTML 4Page - STMicroelectronics STP260N6F6 Datasheet HTML 5Page - STMicroelectronics STP260N6F6 Datasheet HTML 6Page - STMicroelectronics STP260N6F6 Datasheet HTML 7Page - STMicroelectronics STP260N6F6 Datasheet HTML 8Page - STMicroelectronics STP260N6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STI260N6F6, STP260N6F6
4/14
Doc ID 17467 Rev 5
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS = 0)
ID = 250 µA
60
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = 60 V
1
µA
VDS = 60 V, TC=125 °C
100
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
± 100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 60 A
2.4
3
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0
-
11400
-
pF
Coss
Output capacitance
850
pF
Crss
Reverse transfer
capacitance
368
pF
Qg
Total gate charge
VDD = 30 V, ID = 120 A,
VGS = 10 V
(see Figure 14)
-
183
-
nC
Qgs
Gate-source charge
53
nC
Qgd
Gate-drain charge
41
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 30 V, ID = 60 A
RG =4.7 Ω VGS = 10 V
(see Figure 13)
-
31.4
165
-
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
-
144.4
62.6
-
ns
ns


Podobny numer części - STP260N6F6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
   N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
June 2016
More results

Podobny opis - STP260N6F6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STI400N4F6 STMICROELECTRONICS-STI400N4F6 Datasheet
181Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STI360N4F6 STMICROELECTRONICS-STI360N4F6 Datasheet
183Kb / 11P
   N-channel 40 V, 120 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAK and TO-220 packages
August 2012 Rev 1
STFI260N6F6 STMICROELECTRONICS-STFI260N6F6 Datasheet
658Kb / 12P
   N-channel 60 V, 0.0024 廓, 80 A STripFET??VI DeepGATE?? Power MOSFET in I짼PAKFP package
April 2012 Rev 1
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
   P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STB120N10F4 STMICROELECTRONICS-STB120N10F4 Datasheet
949Kb / 18P
   N-channel 100 V, 8 m廓 typ., 120 A, STripFET??DeepGATE?? Power MOSFETs in D2PAK and TO-220 packages
April 2014 Rev 1
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com