Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D-XNS-2W Arkusz danych(PDF) 1 Page - Microdc power Technology Co., Ltd

Numer części D-XNS-2W
Szczegółowy opis  FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICRODC [Microdc power Technology Co., Ltd]
Strona internetowa  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

D-XNS-2W Arkusz danych(HTML) 1 Page - Microdc power Technology Co., Ltd

  D-XNS-2W Datasheet HTML 1Page - Microdc power Technology Co., Ltd D-XNS-2W Datasheet HTML 2Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
D
D
D
D
D
D
D-X
-X
-X
-X
-X
-X
-X
-XNS
NS
NS
NS
NS
NS
NS
NS----
----2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 2
Order code
Input
Output
Efficiency
(%,Typ)
Switching
Frequency
(KHz,Typ)
Voltage(VDC)
Voltage
(VDC)
Current
Nominal
Range
Max
Min
D050505XNS-2W
5
4.5-5.5
5
200
20
80
84
D050909XNS-2W
5
4.5-5.5
9
111
12
82
81
D051212XNS-2W
5
4.5-5.5
12
83
9
82
82
D051515XNS-2W
5
4.5-5.5
15
67
7
83
83
D120505XNS-2W
12
10.8-13.2
5
200
20
80
180
D120909XNS-2W
12
10.8-13.2
9
111
12
83
150
D121212XNS-2W
12
10.8-13.2
12
83
9
85
84
D121515XNS-2W
12
10.8-13.2
15
67
7
83
83
D240505XNS-2W
24
21.6-26.4
5
200
20
81
82
D240909XNS-2W
24
21.6-26.4
9
111
12
82
83
D241212XNS-2W
24
21.6-26.4
12
83
9
84
83
D241515XNS-2W
24
21.6-26.4
15
67
7
84
80
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
D
D
D
D
D
D
D
D
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
N
N
N
N
N
N
N
N
S
S
S
S
S
S
S
S
--------2
2
2
2
2
2
2
2W
W
W
W
W
W
W
W
①Product Series
②Input Voltage
③Output Voltage1
④Output Voltage2
⑤Fixed Input
⑥Negation output
⑦SIP Package
Rated Power
FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC∕DC Converter
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
RoHS compliant
Efficiency up to 85%
SIP Package
Wide temperature performance at full
2 Watt load,-40°C to 85 ℃
UL 94V-0 package material
No heatsink required
Low ripple and good EMC features
Industry standard pinout
Power sharing on output
1KVDC isolation
Continuous Short Circuit Protection
Internal SMD construction
No external components required
Good dynamic feature
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The D-XNS-2W series are specially designed for
applications where a group of polar power supplies are
isolated from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) where the voltage of the input power supply is fixed
(voltage variation ≤±10%);
2) where isolation is necessary between input and
output (isolation voltage ≤1000VDC);
3) where the regulation of the output voltage and the
output ripple noise are not demanded.
Such as: purely digital circuits,ordinary low
frequency analog circuits,and 1GBT power device
driving circuits.
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min
Typ.
Max
Unit
Output power
2
W
Line regulation
For Vin change of ±1%
±1.2
%
Load regulation
10% to 100% full load(5V output)
12.8
15
10% to 100% full load(9V output)
8.3
10
10% to 100% full load(12V output)
6.8
10
10% to 100% full load(15V output)
6.3
10
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/°C
Output Ripple&Noise*
20MHz Bandwidth
100
150
MV p-p
Switching frequency
Full load,nominal input
70
Khz
* Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes.
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION
ISOLATION SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Isolation test voltage
Flash tested for 1 minute and 1mA max(Vin/Vout)
1000
VDC
Flash tested for 1 minute and 1mA max(V01/V02)
1000
VDC
Isolation resistance
Test at Viso=500VDC(Vin/Vout)
1000
Test at Viso=500VDC(V01/V02)
1000
Isolation capacitance
(Vin/Vout)
90
PF
(V01/V02)
90
PF


Podobny numer części - D-XNS-2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
More results

Podobny opis - D-XNS-2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microdc power Technolog...
2D-XNS MICRODC-2D-XNS Datasheet
485Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XS MICRODC-2D-XS Datasheet
495Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
D-XS-2W MICRODC-D-XS-2W Datasheet
745Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
H-XS-2W MICRODC-H-XS-2W Datasheet
878Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Single?뷗ual Output DC?뷗C Converter
H-XD-2W MICRODC-H-XD-2W Datasheet
510Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Single?뷗ual Output DC?뷗C Converter
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com