Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-2217 Arkusz danych(PDF) 2 Page - Advantech Co., Ltd.

Numer części ES-2217
Szczegółowy opis  17" Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2217 Arkusz danych(HTML) 2 Page - Advantech Co., Ltd.

  ES-2217 Datasheet HTML 1Page - Advantech Co., Ltd. ES-2217 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES-2117/2217
Dimensions
Unit: mm
ES-2117
5.24
56.24
120.8
120.1
120.8
38.1
75.0
100.0
402.1
420.1
25.2 120.8
120.1
M3 TAP
56.24
120.8 25.2
5.24
(Resistive T/S)
56.19
5.19
(Capacitive T/S)
54.70
3.70
(SAW T/S)
58.00
7.00
(Infra Red
Vandal Proof
T/S)
CUT OUT
341.9
ES-2217
430.50
31.50
10.00
59.50
352.00
402.10
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2117G-VEAE
Open Frame
300
VGA
Tempered Glass
N/A
N/A
ES-2117R-VEAE
Open Frame
300
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2217R-VEAE
Rugged panel mount
300
VGA
5-Wire Resistive
RS-232/USB
N/A
Notes:
1.) Capacitive touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
Online Download www.advantech.com/products


Podobny numer części - ES-2217

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ES-2217 ADVANTECH-ES-2217 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2217C-VEA-SRE ADVANTECH-ES-2217C-VEA-SRE Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2217R-VEAE ADVANTECH-ES-2217R-VEAE Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com