Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7447713100 Arkusz danych(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7447713100
Szczegółowy opis  POWER INDUCTOR WE-PD 1030
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447713100 Arkusz danych(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447713100 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447713100 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447713100 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
10,4 ± 0,1
mm
B
10,7 ± 0,1
mm
C
1,5 + 0,05
mm
D
4,0 ± 0,1
mm
E
2,0 ± 0,1
mm
F
16,0 ± 0,1
mm
G
1,75 ± 0,1
mm
H
11,5 ± 0,1
mm
I
24,0 ± 0,3
mm
J
0,4 ± 0,05
mm
K
3,05 ± 0,1
mm
Rollenspezifikation / Reel specification:
a
330,0 ± 2,0
mm
b
21,00 ± 0,8
mm
c
13,00 ± 0,5
mm
d
100,0 ± 1,0
mm
ALa
11-02-17
Name
Datum / date
Gurtspezifikation / Tape specification:
Unterschrift / signature
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
Änderung / modification
http://www.we-online.de
...............................................
............................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Würth Elektronik
SPEICHERDROSSEL WE-PD 1030
POWER INDUCTOR WE-PD 1030
DATUM / DATE : 2011-02-17
Artikelnummer / part number :
7447713100
Spezifikation für Freigabe / specification for release
Kunde / customer :
Version 1
no component /
160 mm min.
components
no components /
100 mm min.
End
Start
feeding direction
D
F
I
Ø c
a
d
b
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there
is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
cover tape
E
A
øC
G
K
J
B
400 mm min.
H
XXX
XXX
SEITE 3 VON 3


Podobny numer części - 7447713100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447713101 WURTH-7447713101 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713102 WURTH-7447713102 Datasheet
658Kb / 6P
   WE-PD Performance SMT Shielded Power Inductor
002.004
More results

Podobny opis - 7447713100

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447713015 WURTH-7447713015 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713047 WURTH-7447713047 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713151 WURTH-7447713151 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713330 WURTH-7447713330 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713082 WURTH-7447713082 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713820 WURTH-7447713820 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713022 WURTH-7447713022 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713470 WURTH-7447713470 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713680 WURTH-7447713680 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
7447713101 WURTH-7447713101 Datasheet
249Kb / 3P
   POWER INDUCTOR WE-PD 1030
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com