Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJWI20-24D15 Arkusz danych(PDF) 8 Page - Minmax Technology Co., Ltd.

Numer części MJWI20-24D15
Szczegółowy opis  DC/DC CONVERTER 20W, Highest Power Density
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINMAX [Minmax Technology Co., Ltd.]
Strona internetowa  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI20-24D15 Arkusz danych(HTML) 8 Page - Minmax Technology Co., Ltd.

  MJWI20-24D15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI20-24D15 Datasheet HTML 9Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:12
Page 8 of 9
®
EMI-Filter to meet EN 55022, class A; FCC part 15 ,level A
Conducted and radiated emissions EN55022 Class A
Model
Component
Value
C1
3.3μF/50V 1210 X7R MLCC
MJWI20-24XXX
L1
SMTDR54-6R5M-JT8
C1
2.2μF/100V 1210 X7R MLCC
MJWI20-48XXX
L1
SMTDR54-120M-JT8
External Output Trimming
Output can be externally trimmed by using the method shown below
MJWI20-XXS033 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
63.59
30.28
18.19
11.95
8.13
5.56
3.70
2.31
1.21
0.34
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
70.50
29.28
16.87
10.90
7.38
5.06
3.42
2.20
1.25
0.49
KOhms
MJWI20-XXS05 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
45.53
20.61
12.31
8.15
5.66
4.00
2.81
1.92
1.23
0.68
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
36.57
16.58
9.92
6.59
4.59
3.25
2.30
1.59
1.03
0.59
KOhms
MJWI20-XXS12 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
394.50
179.74
106.08
68.86
46.39
31.36
20.60
12.51
6.21
1.17
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
368.92
161.92
94.97
61.86
42.12
29.00
19.66
12.66
7.23
2.89
KOhms
MJWI20-XXS15 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
572.67
248.63
145.60
94.97
64.87
44.92
30.72
20.10
11.86
5.28
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
392.98
182.12
108.73
71.43
48.85
33.71
22.86
14.69
8.33
3.23
KOhms
MJWI20-XXS24 Trim Table
Trim down
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
598.89
267.94
157.63
102.47
69.38
47.31
31.56
19.74
10.54
3.19
KOhms
Trim up
1
2
3
4
5
6
7
8
9
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
487.11
218.06
128.37
83.53
56.62
38.69
25.87
16.26
8.79
2.81
KOhms
12
6
34
5
MJWI20 Module
Bottom View
Trim Up
12
6
34
5
MJWI20 Module
Bottom View
Rd
Trim Down
Ru


Podobny numer części - MJWI20-24D15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Total Power Internation...
MJWI20-24D15 TOTAL-POWER-MJWI20-24D15 Datasheet
576Kb / 9P
   Smallest Encapsulated 20W Converter
More results

Podobny opis - MJWI20-24D15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com