Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS1005 Arkusz danych(PDF) 10 Page - Touchstone Semiconductor Inc

Numer części TS1005
Szczegółowy opis  A 0.8V TO 5.5V, 1.3uA, 20kHz RAIL-TO-RAIL SINGLE OP AMP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1005 Arkusz danych(HTML) 10 Page - Touchstone Semiconductor Inc

Back Button TS1005 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1005 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TS1005
Page 10
TS1005DS r1p0
RTFDS
Configuring the TS1005 as Microwatt Analog
Comparator
Although optimized for use as an operational
amplifier, the TS1005 can also be used as a rail-to-
rail I/O comparator as illustrated in Figure 7.
External hysteresis can be employed to minimize the
risk of output oscillation. The positive feedback
circuit causes the input threshold to change when
the output voltage changes state. The diagram in
Figure 8 illustrates the TS1005’s analog comparator
hysteresis band and output transfer characteristic.
The design of an analog comparator using the
TS1005 is straightforward. In this application, a 3.0V
power supply (VDD) was used and the resistor divider
network formed by RD1 and RD2 generated a
convenient reference voltage (VREF) for the circuit at
½ the supply voltage, or 1.5V, while keeping the
current drawn by this resistor divider low. Capacitor
C1 is used to filter any extraneous noise that could
couple into the TS1005’s inverting input.
In this application, the desired hysteresis band was
set to 100mV (VHYB) with a desired high trip-point
(VHI) set at 1V and a desired low trip-point (VLO) set
at 0.9V.
Since the TS1005 is a low supply current amplifier
(1.3µA, typical), it is desired that the design of an
analog comparator using the TS1005 should also
use as little current as practical. The first step in the
design, therefore, was to set the feedback resistor
R3:
R3 = 10MΩ
Calculating a value for R1 is given by the following
expression:
R1 = R3 x (VHYB/VDD)
Substituting VHYB = 100mV, VDD = 3.0V, and R3 =
10MΩ into the equation above yields:
R1 = 333kΩ
The following expression was then used to calculate
a value for R2:
R2 = 1/[VHI/(VREF x R1) – (1/R1) – (1/R3)]
Substituting VHI = 1V, VREF = 1.5V, R1 = 333kΩ, and
R3 = 10MΩ into the above expression yields:
R2 = 909kΩ
Printed Circuit Board Layout Considerations
Even though the TS1005 operates from a single
0.8V to 5.5V power supply and consumes very little
supply current, it is always good engineering
practice to bypass the power supplies with a 0.1μF
ceramic capacitor placed in close proximity to the
VDD and VSS (or GND) pins.
Good pcb layout techniques and analog ground
plane management improve the performance of any
analog circuit by decreasing the amount of stray
capacitance that could be introduced at the op amp's
inputs and outputs. Excess stray capacitance can
easily couple noise into the input leads of the op
amp and excess stray capacitance at the output will
add to any external capacitive load. Therefore, PC
board trace lengths and external component leads
should be kept a short as practical to any of the
TS1005’s package pins. Second, it is also good
engineering practice to route/remove any analog
ground plane from the inputs and the output pins of
the TS1005.
Figure 8: Analog Comparator Hysteresis Band and Output
Switching Points.
Figure 7: A MicroWatt Analog Comparator with User-
Programmable Hysteresis.


Podobny numer części - TS1005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1005DB TOUCHSTONE-TS1005DB Datasheet
381Kb / 5P
   TS1005 Op Amp Demo Board
TS1005DB-SOT TOUCHSTONE-TS1005DB-SOT Datasheet
381Kb / 5P
   TS1005 Op Amp Demo Board
logo
Silicon Laboratories
TS1005IG5 SILABS-TS1005IG5 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
TS1005IG5T SILABS-TS1005IG5T Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
More results

Podobny opis - TS1005

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS1003 SILABS-TS1003 Datasheet
1Mb / 13P
   THE ONLY 0.8V TO 5.5V, 0.6A RAIL-TO-RAIL SINGLE OP AMP
logo
Touchstone Semiconducto...
TS1003 TOUCHSTONE-TS1003 Datasheet
882Kb / 11P
   THE ONLY 0.8V TO 5.5V, 0.6uA RAIL-TO-RAIL SINGLE OP AMP
TS1001 TOUCHSTONE-TS1001 Datasheet
507Kb / 11P
   THE ONLY 0.8V/0.6 RAIL-TO-RAIL OP AMP
logo
Silicon Laboratories
TS1001 SILABS-TS1001 Datasheet
1Mb / 12P
   THE ONLY 0.8V/0.6A RAIL-TO-RAIL OP AMP
logo
List of Unclassifed Man...
TS1001 ETC-TS1001 Datasheet
518Kb / 11P
   THE ONLY 0.8V/0.6關A RAIL-TO-RAIL OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com