Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3006ITD833TP Arkusz danych(PDF) 5 Page - Touchstone Semiconductor Inc

Numer części TS3006ITD833TP
Szczegółowy opis  A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3006ITD833TP Arkusz danych(HTML) 5 Page - Touchstone Semiconductor Inc

  TS3006ITD833TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3006ITD833TP Datasheet HTML 9Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS3006
TS3006DS r1p0
Page 5
RTDFS
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 3V, VPWM_CNTRL= VDD, RSET = 4.32MΩ, RLOAD(FOUT) = Open Circuit, CLOAD(FOUT) = 0pF unless otherwise noted. Values are at TA = 25°C
unless otherwise noted.
RSET - MΩ
2
4
40
0
100
Period vs RSET
0
6
60
80
20
8
10
SUPPLY CURRENT - µA
0%
Supply Current Distribution
1.95
5%
10%
15%
20%
25%
30%
35%
1.97
1.99
2.01
FOUT
VDD = 3V, CLOAD = 15pF
5µs/DIV
FOUT
VDD = 5V, CLOAD = 15pF
5µs/DIV
12
120


Podobny numer części - TS3006ITD833TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS3006ITD833T SILABS-TS3006ITD833T Datasheet
1Mb / 10P
   Single Resistor Sets Output Frequency
More results

Podobny opis - TS3006ITD833TP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Touchstone Semiconducto...
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
   A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
   A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
   A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
   A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
   A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
   Silicon Digital Attenuator, 9kHz to 40GHz
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Maxim Integrated Produc...
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
   2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
   4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com