Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SPI150TNH Arkusz danych(PDF) 1 Page - Sparkle Power Inc.

Numer części SPI150TNH
Szczegółowy opis  150 Watts TFX Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPI [Sparkle Power Inc.]
Strona internetowa  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI150TNH Arkusz danych(HTML) 1 Page - Sparkle Power Inc.

  SPI150TNH Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply
Manufacturer Website:
www.sparklepower.com
SPI150TNH (Fanless)
(Active PFC, RoHS Compliant)
150 Watts TFX Power Supply
Features
Complied with Flex ATX and AFX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC (Restriction
on Hazardous Substances).
Remote ON/OFF function
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation, and
CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN60950-1,CB 60950-1 report,
FCC,EMC.
Input Characteristics
Input Range: 115Vac and 264Vac,
Frequency: 47 ~ 63Hz
Input Current: Max 2.5A @ 115Vac, 1.5A @ 230Vac
Inrush Current: No damage.
Specification
Temperature Range: Operating: +0°C ~ +35°C on full load
Storage & Shipping: -20°C ~ +80°C
Humidity: 5-95% on operating, 5-95% on storage
Dielectric Withstand: Primary to frame ground 1800V
AC for 1
second
Efficiency: Typical over 80%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH):150x81.5x40.5mm / 6x3.2x1.6inch
Output Characteristics
* +3.3V & +5V total output does not exceed 43W
* Total output for this subject power supply is 150watts
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Podobny numer części - SPI150TNH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI150F4BN SPI-SPI150F4BN Datasheet
58Kb / 1P
   150 Watts FLEX ATX Power Supply
SPI150FA SPI-SPI150FA Datasheet
53Kb / 1P
   150 Watts FLEX ATX Power Supply Remote ON/OFF function
More results

Podobny opis - SPI150TNH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sparkle Power Inc.
SPI300T8HNB SPI-SPI300T8HNB Datasheet
98Kb / 1P
   300 Watts TFX Power Supply
SPI150F4BN SPI-SPI150F4BN Datasheet
58Kb / 1P
   150 Watts FLEX ATX Power Supply
FSP150-50PL SPI-FSP150-50PL Datasheet
70Kb / 1P
   150 Watts Flex ATX Switching Power Supply
FSP150-50PL1 SPI-FSP150-50PL1 Datasheet
71Kb / 1P
   150 Watts Flex ATX Switching Power Supply
FSP150-601U SPI-FSP150-601U Datasheet
325Kb / 2P
   150 Watts, ATX, 1U Switching Power Supply
FSP150-40AT SPI-FSP150-40AT Datasheet
70Kb / 1P
   150 Watts Flex AT Switching Power Supply
logo
Powerbox
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
logo
Lite-On Technology Corp...
PA-1181-10AC LITEON-PA-1181-10AC Datasheet
447Kb / 3P
   PC Power Supply TFX Series 12V without Standby
logo
Artesyn Technologies
AGH150-48S05-6 ARTESYN-AGH150-48S05-6 Datasheet
1Mb / 3P
   Total Power: 150 Watts
logo
Sparkle Power Inc.
FSP150-60DL SPI-FSP150-60DL Datasheet
69Kb / 1P
   150 Watts 24V DC Input Flex ATX Switching Power Supply
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com