Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAWX5X0X-1B Arkusz danych(PDF) 9 Page - Seoul Semiconductor

Numer części SAWX5X0X-1B
Szczegółowy opis  Binning and Labeling Connect directly in AC Power Saving Long Life Time
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEOUL [Seoul Semiconductor]
Strona internetowa  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAWX5X0X-1B Arkusz danych(HTML) 9 Page - Seoul Semiconductor

Back Button SAWX5X0X-1B Datasheet HTML 5Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 6Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 7Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 8Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 9Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 10Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 11Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 12Page - Seoul Semiconductor SAWX5X0X-1B Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Rev. 01
Rev. 01
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
9
Document No. : SSC-QP-7-07-24 (Rev.00)
4. RMS Voltage Bins (emitter)
4250
4830
4850
5430
230
1330
1430
1470
1550
120
D
C
B
A
220
110
100
Operating voltage
[V,RMS]
4500
1120
640
VF bins
4230
1020
580
3890
980
540
3490
850
420
Unit [ohm]
Notes :
* The tolerance of current is ±10% on each resistance rank.
* Resistor power value must be taken into consideration when choosing the type of resistor.
[rated power = operating current² X resistance]
Example
BIN CODE : U2A0C
VF bin
210.0 ~ 215.0
206.0 ~ 210.0
202.0 ~ 206.0
195.0 ~ 202.0
106.0 ~ 109.0
D
104.0 ~ 106.0
C
102.0 ~ 104.0
B
98.0 ~ 102.0
A
Voltage [V,RMS]
Bin Code
4-1 Voltage Range
* Part Number: SAWX5B0X (AX5200-01)
SAWX5D0X (AX5220-01)
4-2 External resistor table
* Part Number: SAWX5B0X (AX5200-01)
SAWX5D0X (AX5220-01)


Podobny numer części - SAWX5X0X-1B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAWX4A0X SEOUL-SAWX4A0X Datasheet
1Mb / 22P
   Designing with Acriche A4 Connect using a siple diode bridge directly to AC power
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1A SEOUL-SAWX7X0A-1A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1B SEOUL-SAWX7X0A-1B Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
SAWX7X0A-1C SEOUL-SAWX7X0A-1C Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
More results

Podobny opis - SAWX5X0X-1B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
AX32X0 SEOUL-AX32X0_12 Datasheet
316Kb / 16P
   Binning and Labeling Connect directly in AC Power Saving Long Life Time
SAWX7X0A SEOUL-SAWX7X0A Datasheet
1Mb / 14P
   Binning and Labeling Connect in AC power with Bridge Diode
B42180 SEOUL-B42180 Datasheet
364Kb / 14P
   Binning and Labeling
logo
Cree, Inc
XL4550 CREE-XL4550 Datasheet
431Kb / 4P
   XLamp짰 4550 LEDs Binning and Labeling
XR7090AA-BC-0001 CREE-XR7090AA-BC-0001 Datasheet
311Kb / 6P
   XLamp짰 XR LED Binning and Labeling
logo
Seoul Semiconductor
SMJE-XD12W4PD SEOUL-SMJE-XD12W4PD Datasheet
1Mb / 25P
   Long Life Time
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
   XLAMP XB-D LED BINNING & LABELING
logo
Seoul Semiconductor
SMJC-2V08W2P4 SEOUL-SMJC-2V08W2P4 Datasheet
1Mb / 13P
   Acrich2 - 8.7W Candle Connect using a AIC directly to AC power
SMJE-3V12W2P4 SEOUL-SMJE-3V12W2P4 Datasheet
427Kb / 14P
   Acrich2 - 12.7W Bulb Connect using a AIC directly to AC power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com