Zakładka z wyszukiwarką danych komponentów |
|
2-1393028-3 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
2-1393028-3 Arkusz danych(HTML) 2 Page - Tyco Electronics |
2 / 4 page 1111 P&B Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 (PDF Rev. 3-04) Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. OAC AC Output Modules IAC AC Input Modules Input Specifications Output Specifications (@ +25˚C unless otherwise specified) Input Specifications PIN-3 must be positive with respect to PIN-4 for correct operation. IAC-5 IAC-15 IAC-5A IAC-15A IAC-5E IAC-15E IAC-24 IAC-24A IAC-24E Parameter Conditions Units Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Control Voltage Range VIN VAC/VDC 90 120 140 180 240 280 18 24 36 Must Operate Voltage VIN(OP) VAC/VDC 90 180 18 Must Release Voltage VIN(REL) VAC/VDC 20 20 3 Max. Input Current @VIN=Max. mA 6 6 18 Input Resistance Ohms 28K 75K 2K OAC-5 OAC-5A OAC-15 OAC-15A OAC-24 OAC-24A OAC-5H OAC-5R OAC-15H OAC-15R OAC-24H OAC-24R Parameter Conditions Units Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Control Voltage Range VIN VDC 3 5 8 9 15 18 18 24 32 Must Operate Voltage VIN(OP) VDC 3 9 18 Must Release Voltage VIN(REL) VDC 1 1 1 Maximum Input Current @VIN=Nominal mADC 20 16 13 Input Resistance RIN Ohms 220 1000 2000 IAC-5 IAC-5A IAC-15 IAC-15A IAC-24 IAC-24A IAC-5E IAC-15E IAC-24E Parameter Conditions Units Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Maximum Output Voltage VDC 30 30 30 Maximum Output Current mADC 50 50 50 Maximum Output Leakage Current VOUT=Max. µADC 10 10 10 Maximum Output Voltage Drop ISINK=50mA VDC .2 .2 .2 Logic Supply Voltage VCC VDC 3 5 6 12 15 18 20 24 30 Logic Supply Current VCC=Max. mADC 18 18 18 Turn-On Time (Nominal) ISINK=25mA ms 20 20 20 Turn-Off Time (Nominal) ISINK=25mA ms 30 30 30 Output Type (Open Collector) Normally Open(SINKING) Normally Open(SINKING) Normally Open(SINKING) Output Specifications (47 to 63 Hz.,@ +25˚C unless otherwise specified) OAC-5 OAC-5A OAC-5H IAC-15H OAC-5R OAC-15R OAC-15 OAC-15A OAC-24H OAC-24R OAC-24 OAC-24A Parameter Conditions Units Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Load Voltage VL V rms 24 120/240 280 24 120/240 280 24 120/240 280 Repetitive Blocking Voltage V peak ±600 ±600 ±600 Load Current IL* A rms .05 3 .05 5 .05 5 Ouput Current mA/°C 58mA/°C 66mA/°C 66mA/°C Derating 40°C - 80°C 30°C - 80°C 30°C - 80°C Single Cycle surge Current A peak 100 250 250 Leakage Current (Off-State) VL=120VAC mA rms 1 1 1 @ 60 Hz. VL=240VAC mA rms 2 2 2 On-State Voltage Drop IL=Max. V peak 1.6 1.6 1.6 Static dv.dt (Off-State) V/µs 200 200 200 Turn-On Time @f=60 Hz. ms 8.3 8.3 .1 Turn-Off Time ms 8.3 8.3 8.3 Output Type (Form) Normally Open 1A Normally Open 1A Normally Open 1A H/P/ Rating @ 240VAC 1/4HP 1/2HP 1/2HP |
Podobny numer części - 2-1393028-3 |
|
Podobny opis - 2-1393028-3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |