Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2-1393028-4 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części 2-1393028-4
Szczegółowy opis  Input/Output Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393028-4 Arkusz danych(HTML) 2 Page - Tyco Electronics

  2-1393028-4 Datasheet HTML 1Page - Tyco Electronics 2-1393028-4 Datasheet HTML 2Page - Tyco Electronics 2-1393028-4 Datasheet HTML 3Page - Tyco Electronics 2-1393028-4 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1111
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OAC
AC Output Modules
IAC
AC Input Modules
Input Specifications
Output Specifications (@ +25˚C unless otherwise specified)
Input Specifications
PIN-3 must be positive with respect to PIN-4 for correct operation.
IAC-5 IAC-15
IAC-5A IAC-15A
IAC-5E IAC-15E
IAC-24
IAC-24A
IAC-24E
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Control Voltage Range VIN
VAC/VDC
90
120
140
180
240
280
18
24
36
Must Operate Voltage VIN(OP)
VAC/VDC
90
180
18
Must Release Voltage VIN(REL)
VAC/VDC
20
20
3
Max. Input Current
@VIN=Max.
mA
6
6
18
Input Resistance
Ohms
28K
75K
2K
OAC-5 OAC-5A
OAC-15 OAC-15A
OAC-24 OAC-24A
OAC-5H OAC-5R
OAC-15H OAC-15R
OAC-24H OAC-24R
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Control Voltage Range VIN
VDC
3
5
8
9
15
18
18
24
32
Must Operate Voltage VIN(OP)
VDC
3
9
18
Must Release Voltage VIN(REL)
VDC
1
1
1
Maximum Input Current
@VIN=Nominal
mADC
20
16
13
Input Resistance RIN
Ohms
220
1000
2000
IAC-5 IAC-5A
IAC-15 IAC-15A
IAC-24 IAC-24A
IAC-5E
IAC-15E
IAC-24E
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Maximum Output Voltage
VDC
30
30
30
Maximum Output Current
mADC
50
50
50
Maximum Output Leakage Current
VOUT=Max.
µADC
10
10
10
Maximum Output Voltage Drop
ISINK=50mA
VDC
.2
.2
.2
Logic Supply Voltage VCC
VDC
3
5
6
12
15
18
20
24
30
Logic Supply Current
VCC=Max.
mADC
18
18
18
Turn-On Time (Nominal)
ISINK=25mA
ms
20
20
20
Turn-Off Time (Nominal)
ISINK=25mA
ms
30
30
30
Output Type (Open Collector)
Normally Open(SINKING)
Normally Open(SINKING)
Normally Open(SINKING)
Output Specifications (47 to 63 Hz.,@ +25˚C unless otherwise specified)
OAC-5 OAC-5A
OAC-5H IAC-15H
OAC-5R OAC-15R
OAC-15 OAC-15A
OAC-24H
OAC-24R
OAC-24 OAC-24A
Parameter
Conditions
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Load Voltage VL
V rms
24
120/240
280
24
120/240
280
24
120/240
280
Repetitive Blocking Voltage
V peak
±600
±600
±600
Load Current IL*
A rms
.05
3
.05
5
.05
5
Ouput Current
mA/°C
58mA/°C
66mA/°C
66mA/°C
Derating
40°C - 80°C
30°C - 80°C
30°C - 80°C
Single Cycle surge Current
A peak
100
250
250
Leakage Current (Off-State)
VL=120VAC
mA rms
1
1
1
@ 60 Hz.
VL=240VAC
mA rms
2
2
2
On-State Voltage Drop
IL=Max.
V peak
1.6
1.6
1.6
Static dv.dt (Off-State)
V/µs
200
200
200
Turn-On Time
@f=60 Hz.
ms
8.3
8.3
.1
Turn-Off Time
ms
8.3
8.3
8.3
Output Type (Form)
Normally Open 1A
Normally Open 1A
Normally Open 1A
H/P/ Rating @ 240VAC
1/4HP
1/2HP
1/2HP


Podobny numer części - 2-1393028-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
2-1393028-1 MACOM-2-1393028-1 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
2-1393028-3 MACOM-2-1393028-3 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
More results

Podobny opis - 2-1393028-4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-5 MACOM-2-1393028-5 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-9 MACOM-2-1393028-9 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
8481 ETC-8481 Datasheet
151Kb / 1P
   Input/Output Modules
logo
Tyco Electronics
2-1393028-3 MACOM-2-1393028-3 Datasheet
77Kb / 4P
   Input/Output Modules
logo
Filtran LTD
8485 FILTRAN-8485 Datasheet
222Kb / 1P
   ISDNS-Bus Input/Output Modules
logo
Tyco Electronics
2-1393028-0 MACOM-2-1393028-0 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
logo
Systemsensor advanced i...
CR-6 SYSTEMSENSOR-CR-6 Datasheet
496Kb / 2P
   Multiple Input and Output Modules
logo
Tyco Electronics
2-1393028-1 MACOM-2-1393028-1 Datasheet
274Kb / 4P
   Slim Line Input/Output Modules
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com