Zakładka z wyszukiwarką danych komponentów |
|
2-1393100-6 Arkusz danych(PDF) 1 Page - Tyco Electronics |
|
2-1393100-6 Arkusz danych(HTML) 1 Page - Tyco Electronics |
1 / 2 page 910 P&B Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. KBP series 10 Amp Dual Coil Latching Relay File E29244 Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. Features • Dual coil latching relay accepts a momentary impulse to one coil to latch and a second impulse to the other coil to release. • Enclosed in a clear polycarbonate dust cover. • AC or DC coils. • Contacts up to 5PDT. • Mounts in 11 or 20-pin octal-type plugs. Contact Data @ +25°C Arrangements: From 2 Form C (DPDT) to 5 Form C (5PDT), (3PDT each coil). Ratings: 10 amps @ 120VAC. Materials: 10 amp models: Silver-cadmium oxide. Expected Life: 500,000 operations, mechanical; 50,000 operations minimum at rated loads. Initial Dielectric Strength Between Open Contacts: 500V rms. Between Adjacent Contacts: 1,000V rms. Between Contacts and Coil: 1,000V rms. Coil Data @ +25°C Nominal Power: DC Coils: 2.7W. AC Coils: 5.3VA to 4 pole; 7.8VA to 5 pole. Maximum Power: DC coils - 4.0W. Duty Cycle: Intermittent. Initial Insulation Resistance: 100 megohms. Operate Data @ +25°C Must-Operate Voltage: DC: 75% of nominal voltage. AC: 85% of nominal voltage. Operate Time: 25 milliseconds excluding bounce. Environmental Data Temperature Range: Storage: 105°C. Operating: -45°C to +85°C. Mechanical Data Termination: See terminals table on next page. Enclosures: Plastic dust cover standard. Hermetically sealed metal case available on special order. Weight: 10.8 oz. (306g) approximately. Coil Data Resistance in Nominal Nominal Ohms Current Voltage ±10% @ 25°C Milliamperes DC 12 52.0 230 Coils 24 230 104 48 850 56.5 (to 5 pole) 110 4560 24 220 Use 110 volt relay with 5000 Ohms, 5 watt resistor in series. Resistance in Nominal Nominal Ohms Current Voltage ±15% @ 25°C Milliamperes Up to 4 Pole Relays 24 42 210 AC 120 1030 44 Coils 240 4100 22 For 5 Pole Relays 24 27 325 120 700 68 |
Podobny numer części - 2-1393100-6 |
|
Podobny opis - 2-1393100-6 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |