Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SAW8KG08 Arkusz danych(PDF) 4 Page - Seoul Semiconductor

Numer części SAW8KG08
Szczegółowy opis  White colored SMT package Pb-free RefloW Soldering
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEOUL [Seoul Semiconductor]
Strona internetowa  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8KG08 Arkusz danych(HTML) 4 Page - Seoul Semiconductor

  SAW8KG08 Datasheet HTML 1Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 2Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 3Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 4Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 5Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 6Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 7Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 8Page - Seoul Semiconductor SAW8KG08 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.00)
Rev. 00
Rev. 00
July 2012
July 2012
www.acrich.com
www.acrich.com
4
1. SAW8KG0B Information
1.3 Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage*
VF
IF=20mA
20.7
22
23
V
Reverse Voltage
VR
IR=10mA
0.7
-
-
V
Luminous Intensity*
[1]
(3700~7000K)
Iv
IF=20mA
-
13.8
(42.8)
-
cd
(lm)
Luminous Intensity*
[1]
(2600~3700K)
Iv
IF=20mA
10.9
12.2
(37.8)
-
Color Correlated
Temperature
CCT
IF=20mA
2,600
-
7,000
K
Viewing Angle
[2]
2
Θ
1/2
IF=20mA
-
115
-
deg.
Color Rendering
Index*
Ra
IF=20mA
80
82
90
-
ESD (HBM)
1.5k
Ω;100
pF
5
-
-
KV
Thermal resistance
[3]
RthJS
IF=20mA
-
27
-
K/W
[1] The luminous intensity IV was measured at the peak of the spatial pattern which may not be aligned
with the mechanical axis of the LED package.
[2] 2
Θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
[3] Thermal resistance: RthJS (Junction / solder)
* Tolerance : VF :± 0.4V, IV :± 7%, Ra :± 2, x,y :± 0.01
[Note] All measurements were made under the standardized environment of SSC.
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power Dissipation *
[1]
Pd
0.58
W
Forward Current
IF
25
mA
Operating Temperature
Topr
-30~+85
Storage Temperature
Tstg
-40~+100
Junction Temperature
Tj
125
[1] Care is to be taken that power dissipation does not exceed the absolute maximum rating of the product.
* LED’s properties might be different from suggested values like above and below tables if operation condition
will be exceeded our parameter range.


Podobny numer części - SAW8KG08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
SAW8KG0B SEOUL-SAW8KG0B Datasheet
1Mb / 31P
   Superior high Flux for High Voltage System
More results

Podobny opis - SAW8KG08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seoul Semiconductor
STW8T16A SEOUL-STW8T16A Datasheet
565Kb / 19P
   White colored SMT package Pb-free Reflow Soldering Appication
STW8T36B SEOUL-STW8T36B Datasheet
868Kb / 20P
   White colored SMT package Pb-free Reflow Soldering Application
STW9T36B SEOUL-STW9T36B Datasheet
869Kb / 20P
   White colored SMT package Pb-free Reflow Soldering Application
C9WT803 SEOUL-C9WT803 Datasheet
713Kb / 19P
   White colored SMT package Pb-free Reflow Soldering Application
STW7T16A SEOUL-STW7T16A Datasheet
452Kb / 17P
   White colored SMT package Pb-free Reflow Soldering Application
C8WT803 SEOUL-C8WT803 Datasheet
692Kb / 20P
   White colored SMT package Pd-free Reflow Soldering Application
logo
NICHIA CORPORATION
NTSL757G NICHIA-NTSL757G Datasheet
658Kb / 25P
   Pb-free Reflow Soldering Application
NVSA219B-V1 NICHIA-NVSA219B-V1 Datasheet
444Kb / 18P
   Pb-free Reflow Soldering Application
NSSMV01A NICHIA-NSSMV01A Datasheet
545Kb / 17P
   Pb-free Reflow Soldering Application
NCSR119B-V1 NICHIA-NCSR119B-V1 Datasheet
434Kb / 18P
   Pb-free Reflow Soldering Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com