Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA16B2CAA Arkusz danych(PDF) 9 Page - Agere Systems

Numer części CA16B2CAA
Szczegółowy opis  CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AGERE [Agere Systems]
Strona internetowa  
Logo AGERE - Agere Systems

CA16B2CAA Arkusz danych(HTML) 9 Page - Agere Systems

Back Button CA16B2CAA Datasheet HTML 5Page - Agere Systems CA16B2CAA Datasheet HTML 6Page - Agere Systems CA16B2CAA Datasheet HTML 7Page - Agere Systems CA16B2CAA Datasheet HTML 8Page - Agere Systems CA16B2CAA Datasheet HTML 9Page - Agere Systems CA16B2CAA Datasheet HTML 10Page - Agere Systems CA16B2CAA Datasheet HTML 11Page - Agere Systems CA16B2CAA Datasheet HTML 12Page - Agere Systems CA16B2CAA Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
Agere Systems Inc.
Advance Data Sheet
CA16-Type 2.5 Gbits/s DWDM Transponder with
March 2001
16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1. Frame ground is connected to the housing and is isolated from all circuit grounds (TxDGND, TxAGND, RxDGND, RxAGND).
2. Pins labeled no connection must remain open circuits; they have internal voltages and must not be connected to VCC, Ground, or any signal
node.
124
Rx3.3D
I
SUPPLY
Receiver Digital 3.3 V Supply
125
SEARCH
O
LVTTL
Frame Search Output
126
RxAGND
I
Supply
Receiver Analog Ground
127
RxAGND
I
Supply
Receiver Analog Ground
128
Rx3.3A
I
Supply
Receiver Analog 3.3 V Supply
129
POCLKP
O
LVPECL
Byte-Aligned Parallel Output Clock at 155 MHz
130
POCLKN
O
LVPECL
Byte-Aligned Parallel Output Clock at 155 MHz
131
NC
No User Connection Permitted2
132
WS
I
LVTTL
Binary Input to Select One of Two Grid Wavelengths
133
VTEC
I
Supply
TEC Cooler 3 V Analog Supply Voltage
134
VTEC
I
Supply
TEC Cooler 3 V Analog Supply Voltage
135
RxDGND
I
Supply
Receiver Digital Ground
136
RxQ15P
O
LVPECL
Receiver MSB 155 Mbits/s Data Output
137
RxQ15N
O
LVPECL
Receiver MSB 155 Mbits/s Data Output
138
RxQ13P
O
LVPECL
Receiver 155 Mbits/s Data Output
139
RxQ13N
O
LVPECL
Receiver 155 Mbits/s Data Output
140
RxDGND
I
Supply
Receiver Digital Ground
141
RxQ11P
O
LVPECL
Receiver 155 Mbits/s Data Output
142
RxQ11N
O
LVPECL
Receiver 155 Mbits/s Data Output
143
RxQ09P
O
LVPECL
Receiver 155 Mbits/s Data Output
144
RxQ09N
O
LVPECL
Receiver 155 Mbits/s Data Output
145
RxDGND
I
Supply
Receiver Digital Ground
146
RxQ07P
O
LVPECL
Receiver 155 Mbits/s Data Output
147
RxQ07N
O
LVPECL
Receiver 155 Mbits/s Data Output
148
RxQ05P
O
LVPECL
Receiver 155 Mbits/s Data Output
149
RxQ05N
O
LVPECL
Receiver 155 Mbits/s Data Output
150
RxDGND
I
Supply
Receiver Digital Ground
151
RxQ03P
O
LVPECL
Receiver 155 Mbits/s Data Output
152
RxQ03N
O
LVPECL
Receiver 155 Mbits/s Data Output
153
RxQ01P
O
LVPECL
Receiver 155 Mbits/s Data Output
154
RxQ01N
O
LVPECL
Receiver 155 Mbits/s Data Output
155
RxDGND
I
Supply
Receiver Digital Ground
156
NC
No User Connection Permitted2
157
NC
No User Connection Permitted2
158
NC
No User Connection Permitted2
159
NC
No User Connection Permitted2
160
FGND
I
Supply
Frame Ground1
Pin #
Pin Name
I/O
Logic
Description
Pin Descriptions (continued)
Table 1. CA16-Type Transponder Pinout (continued)


Podobny numer części - CA16B2CAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
CA16-2 MACOM-CA16-2 Datasheet
357Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Ledil, Inc.
CA16015 LEDIL-CA16015 Datasheet
6Mb / 4P
   Type II/III (Long) beam for very wide pole to pole distances.
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
   Beam for area and street lighting such as parks and pedestrian walkways
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
   OLGA Assembly
CA16127 LEDIL-CA16127 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
More results

Podobny opis - CA16B2CAA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
   2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
logo
JDS Uniphase Corporatio...
MDX-13MX2001A JDSU-MDX-13MX2001A Datasheet
140Kb / 3P
   13 Channel DWDM Multiplexer/Demultiplexer (Mux/Demux)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com