Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2-1393137-0 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części 2-1393137-0
Szczegółowy opis  Mid- To Low-Priced CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393137-0 Arkusz danych(HTML) 2 Page - Tyco Electronics

  2-1393137-0 Datasheet HTML 1Page - Tyco Electronics 2-1393137-0 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1227
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
.60
(15.2)
.56
(14.2)
2.937 MAX.
(74.6)
2.406 MAX.
(61.1)
1.781 MAX.
(45.2)
Outline Dimensions
Wiring Diagrams – Bottom Views (pins numbered clockwise from keyway)
* If control switch is closed when power is applied, relay will immediately energize. A 50 millisecond minimum switch closure is required. IMPORTANT: A dry circuit switch is recommended. A
“dry circuit” switch is one rated to reliably switch currents of less than 50mA. Use of a switch rated for other than dry circuit may result in failure of the time delay relay to function properly.
** Note: Input polarity for DC operation. For most reliable operation on AC, connect high side to “+” and low side to “–”.
+
_
INPUT
(DC POLARITY INDICATED)
Fig. 1
8 Pin
EXTERNAL RESISTOR
INPUT
(DC POLARITY INDICATED)
Fig. 2
11 Pin
Fig. 3
11 Pin
AC INPUT
EXT SWITCH*
+
_
+
-
Delay on Operate Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
1 to 10 Sec.
Knob
1
CHB-38-30001
1 to 180 Sec.
CHB-38-30003
1 to 10 Sec.
CHB-38-70001
120VAC
1 to 60 Sec.
Knob
1
CHB-38-70002
1 to 180 Sec.
CHB-38-70003
120VAC
10 Sec.
Fixed
1
CHA-38-70001
240VAC
1 to 10 Sec.
Knob
1
CHB-38-80001
1 to 10 Sec.
CHD-38-30001
24VDC
1 to 60 Sec.
Knob
1
CHD-38-30002
1 to 180 Sec.
CHD-38-30003
Delay on Release Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
24VAC
1 to 10 Sec.
Knob
3
CHB-38-30011
1 to 10 Sec.
CHB-38-70011
120VAC
1 to 60 Sec.
Knob
3
CHB-38-70012
1 to 180 Sec.
CHB-38-70013
24VDC
1 to 10 Sec.
Knob
3
CHD-38-30011
1 to 180 Sec.
CHD-38-30013
Interval on Models
Voltage
Time
Adjustment
Wiring Dia.
Part Number
1 to 10 Sec.
CHB-38-70021
120VAC
1 to 60 Sec.
Knob
1
CHB-38-70022
1 to 180 Sec.
CHB-38-70023
24VDC
1 to 10 Sec.
Knob
1
CHD-38-30021


Podobny numer części - 2-1393137-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1393137-1 MACOM-2-1393137-1 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-2 MACOM-2-1393137-2 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-3 MACOM-2-1393137-3 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-4 MACOM-2-1393137-4 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-6 MACOM-2-1393137-6 Datasheet
51Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
More results

Podobny opis - 2-1393137-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1393137-1 MACOM-2-1393137-1 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-3 MACOM-2-1393137-3 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
CHB-38-30001 MACOM-CHB-38-30001 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-4 MACOM-2-1393137-4 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
2-1393137-2 MACOM-2-1393137-2 Datasheet
49Kb / 2P
   Mid- To Low-Priced CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
2-1393137-6 MACOM-2-1393137-6 Datasheet
51Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com