Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2-1393222-9 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części 2-1393222-9
Szczegółowy opis  10 Amp, PC Board Miniature Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393222-9 Arkusz danych(HTML) 2 Page - Tyco Electronics

  2-1393222-9 Datasheet HTML 1Page - Tyco Electronics 2-1393222-9 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
415
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Revised 8-06)
*ON SINGLE THROW MODELS,
ONLY NECESSARY TERMINALS
ARE PRESENT.
PC Board Layouts (Bottom Views)
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T75S5D112-05
T75S5D112-12
T75S5D112-24
Outline Dimensions
Wiring Diagram (Bottom View)
*
FORM A
1.126 MAX.
(28.6)
FORM C
1.181 MAX.
(30)
.394
(10)
.591
(15)
.150
(3.8)
CONTACT TERMINALS: .023 x .040 (.58 x 1.02) REF.
COIL TERMINALS: .024 (.61) DIA. REF.
1 Form C
1 Form A
.126
(3.2)
.126
(3.2)
.748
(19)
.110
(2.8)
.300
(7.6)
.051 DIA. TYP.
(1.3)
.197
(5)
.748
(19)
.110
(2.8)
.300
(7.6)
.051 DIA. TYP.
(1.3)
Ordering Information
Typical Part Number
B
T75
S
5
D
1
1
2
-12
1. Basic Series:
T75 = Low profile, printed circuit board relay.
2. Enclosure:
S = Wash tight (washable).
3. Contact Arrangement:
1 = 1 Form A (SPST-NO)
5 = 1 Form C (SPDT)
4. Coil Input:
D = DC voltage
5. Coil Configuration:
1 = Single coil, non-latching (monostable)
6. Mounting and Terminals:
1 = Printed circuit terminals
7. Contact Material:
2 = Silver-cadmium oxide (AgCdO)
8. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
24 = 24VDC
48 = 48VDC
05 = 5VDC
09 = 9VDC
18 = 18VDC
36 = 36VDC
60 = 60VDC
NOTE: All part numbers are RoHS compliant.


Podobny numer części - 2-1393222-9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
2-1393222-0 MACOM-2-1393222-0 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
2-1393222-0 MACOM-2-1393222-0 Datasheet
255Kb / 3P
   Miniature Power PCB Relay MSR V23061
logo
TE Connectivity Ltd
2-1393222-0 TEC-2-1393222-0 Datasheet
255Kb / 3P
   General Purpose Low Power PCB Relays
2-1393222-0 TEC-2-1393222-0 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
logo
Tyco Electronics
2-1393222-3 MACOM-2-1393222-3 Datasheet
473Kb / 3P
   Miniature Power PCB Relay MSR
More results

Podobny opis - 2-1393222-9

ProducentNumer częściArkusz danychSzczegółowy opis
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
   10 Amp Miniature, Sealed PC Board Relay
logo
Tyco Electronics
OJ-SH-105HM MACOM-OJ-SH-105HM Datasheet
72Kb / 2P
   3-10 Amp Miniature,PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
ORWH-SH-112DM MACOM-ORWH-SH-112DM Datasheet
49Kb / 2P
   10 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com