Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MLZ1005W Arkusz danych(PDF) 7 Page - TDK Electronics

Numer części MLZ1005W
Szczegółowy opis  Inductors for Decoupling Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

MLZ1005W Arkusz danych(HTML) 7 Page - TDK Electronics

Back Button MLZ1005W Datasheet HTML 3Page - TDK Electronics MLZ1005W Datasheet HTML 4Page - TDK Electronics MLZ1005W Datasheet HTML 5Page - TDK Electronics MLZ1005W Datasheet HTML 6Page - TDK Electronics MLZ1005W Datasheet HTML 7Page - TDK Electronics MLZ1005W Datasheet HTML 8Page - TDK Electronics MLZ1005W Datasheet HTML 9Page - TDK Electronics MLZ1005W Datasheet HTML 10Page - TDK Electronics MLZ1005W Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
• All specifications are subject to change without notice.
(6/10)
002-06 / 20120514 / e533_mlz
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
PACKAGING STYLES
REEL DIMENSIONS
TAPE DIMENSIONS
0.01
0.1
1
0.1
1
10
100
1000
DC current(mA)
R47D
R10D
0.1
1
100
10
0.1
1
10
100
1000
DC current(mA)
100W
2R2W
0.1
1
100
10
0.1
1
10
100
1000
DC current(mA)
100L
2R2L
0
200
400
600
800
1000
DC current(mA)
60
50
40
0
30
20
10
100W
A2R2W
100L
2R2L
R47D
R10D
1.0
ø180
±2.0
2.0
±0.5
ø13
±0.2
ø21
±0.8
14.4max.
Dimensions in mm
8.4
+2.0
–0.0
1.1max.
1.1
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
1.5
+0.1
–0.0
Sprocket hole
Cavity
160min.
Taping
200min.
300min.
Drawing direction
Dimensions in mm


Podobny numer części - MLZ1005W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MLZ1005 TDK-MLZ1005 Datasheet
337Kb / 26P
   Inductors for Decoupling Circuits Multilayer Ferrite
MLZ1005M1R0WT TDK-MLZ1005M1R0WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
MLZ1005M1R0WT000 TDK-MLZ1005M1R0WT000 Datasheet
157Kb / 3P
   Inductors (Coils)
MLZ1005M1R5WT TDK-MLZ1005M1R5WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
MLZ1005M1R5WT000 TDK-MLZ1005M1R5WT000 Datasheet
155Kb / 3P
   Inductors (Coils)
More results

Podobny opis - MLZ1005W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-151K-PF TDK-NLCV32T-151K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
NLCV32T-2R2M-PF TDK-NLCV32T-2R2M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
NLFC453232T TDK-NLFC453232T Datasheet
333Kb / 16P
   Inductors for Decoupling Circuits
NLCV25TR10MEFR TDK-NLCV25TR10MEFR Datasheet
378Kb / 10P
   Inductors for Decoupling Circuits
NLCV25T-100K-EF TDK-NLCV25T-100K-EF_15 Datasheet
178Kb / 10P
   Inductors for Decoupling Circuits Wound Ferrite
NLCV32T-4R7M-PF TDK-NLCV32T-4R7M-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits Wound/For Current
MLZ2012N1R5LT000 TDK-MLZ2012N1R5LT000 Datasheet
200Kb / 15P
   Inductors for Decoupling Circuits Multilayer Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com