Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4007GP Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 1N4007GP
Szczegółowy opis  1.0 Ampere Glass Passivated Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4007GP Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  1N4007GP Datasheet HTML 1Page - Fairchild Semiconductor 1N4007GP Datasheet HTML 2Page - Fairchild Semiconductor 1N4007GP Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4001GP-1N4007GP, Rev. C
2001 Fairchild Semiconductor Corporation
General Purpose Rectifiers (Glass Passivated)
(continued)
Typical Characteristics
0
25
50
75
100
125
150
175
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Ambient Temperature [ºC]
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
.375" 9.0 mm LEAD
LENGTHS
12
5
10
20
50
100
0
10
20
30
40
Number of Cycles at 60Hz
0.4
0.6
0.8
1
1.2
1.4
1.6
0.01
0.1
1
10
Forward Voltage, V
F [V]
Pulse Width = 200
µµµµS
2% Duty Cycle
T = 25 C
º
J
Pulse Width = 300
µµµµS
1% Duty Cycle
T = 25 C
º
A
0.1
0.5
1
2
5
10
1
2
5
10
20
50
100
Reverse Voltage, V
R [V]
Figure 1. Non-Repetitive Surge Current
Figure 2. Forward Current Derating Curve
Figure 3. Total Capacitance
Figure 4. Forward Voltage Characteristics


Podobny numer części - 1N4007GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
1N4007GP GE-1N4007GP Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Diotec Semiconductor
1N4007GP DIOTEC-1N4007GP Datasheet
96Kb / 2P
   Glass Passivated Silicon Rectifier Diodes
logo
Micro Commercial Compon...
1N4007GP MCC-1N4007GP Datasheet
79Kb / 3P
   1 Amp Glass PassivatedRectifier 50 - 1000 Volts
logo
Diotec Semiconductor
1N4007GP DIOTEC-1N4007GP Datasheet
154Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Taiwan Semiconductor Co...
1N4007GP TSC-1N4007GP Datasheet
55Kb / 2P
   1.0 AMP. Glass Passivated Junction Plastic Rectifiers
More results

Podobny opis - 1N4007GP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
RGP10A FAIRCHILD-RGP10A Datasheet
35Kb / 3P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
UF4001 FAIRCHILD-UF4001 Datasheet
38Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A FAIRCHILD-EGP10A_07 Datasheet
145Kb / 4P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP10A- FAIRCHILD-EGP10A- Datasheet
36Kb / 3P
   1.0 Ampere Glass Passivated High Efficiency Rectifiers
1N4933GP FAIRCHILD-1N4933GP Datasheet
32Kb / 2P
   1.0 Ampere Glass Passivated Fast Recovery Rectifiers
GF1A- FAIRCHILD-GF1A- Datasheet
100Kb / 4P
   1.0 Ampere Glass Passivated Rectifier
logo
Microdiode Electronics ...
MDDDB101S CHENDA-MDDDB101S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.0 Ampere
MDDDF05S CHENDA-MDDDF05S Datasheet
79Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS Current - 1.0 Ampere
logo
Fairchild Semiconductor
S2A FAIRCHILD-S2A Datasheet
38Kb / 3P
   1.5 Ampere Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
   1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com