Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7448262510 Arkusz danych(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7448262510
Szczegółowy opis  COMMON MODE CHOKE WE-CMB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448262510 Arkusz danych(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448262510 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bezeichnung :
description :
XXL
A
44,0 max.
mm
B
23,5 max.
mm
C
10,0 ± 0,5
mm
D
18,5 ± 0,5
mm
E
43,0 max.
mm
F
3,0 ± 0,5
mm
G
2,0 typ.
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
nominal current
Nennspannung /
nominal voltage
33%
+25°C
1500 V,50 Hz
5 mA / 2 sec.
MKe
Version 4
11-03-07
BKo
Version 3
09-05-07
MST
Version 2
08-08-12
MST
Version 1
07-11-29
Name
Änderung / modification
Datum / date
±30%
max.
@ 25°C
Luftfeuchtigkeit / humidity:
Umgebungstemperatur / temperature:
Prüfspannung / testing voltage N1/N2
WAYNE KERR WK3260B/WK3265 für/for L0/LN und/and RDC
HP 34401 A für/for IN
10 kHz / 50µA
B Elektrische Eigenschaften / electrical properties:
E Testbedingungen / test conditions:
max.
VAC
m
250
STROMKOMP. DROSSEL WE-CMB
COMMON MODE CHOKE WE-CMB
Artikelnummer / part number :
25,0
3,6
7448262510
LO
A Mechanische Abmessungen / dimensions:
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2011-03-07
±10%
A
Testbedingungen /
test conditions
mH
RDC
1,0
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Klimabeständigkeit/ climatic class:
40/125/21
Sockel / base:
UL94V-0
Draht / wire:
Class F
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Geprüft / checked
F Werkstoffe & Zulassungen / material & approvals
G Eigenschaften / general specifications:
Kunde / customer :
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
..................................................................................
..................................................................................
@ 70°C
UN
IDC
Freigabe erteilt / general release:
Kunde / customer
Kleber / glue:
D Prüfgeräte / test equipment:
UL94V-2
Würth Elektronik
..................................................................................
Betriebstemp. / operating temperature:
-40°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
1
N1
3
2
N2
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and
reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation,
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the
design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and
reliability functions or performance.
4
2
3
Ø
G
B
C
D
1
F
E
A
4
2
1
SEITE 1 VON 1


Podobny numer części - 7448262510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7448262013 WURTH-7448262013 Datasheet
186Kb / 1P
   COMMON MODE CHOKE WE-CMB
More results

Podobny opis - 7448262510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7448256033 WURTH-7448256033 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823422 WURTH-744823422 Datasheet
59Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823305 WURTH-744823305 Datasheet
182Kb / 1P
   COMMON MODE CHOKE WE-CMB
744821201 WURTH-744821201 Datasheet
132Kb / 1P
   COMMON MODE CHOKE WE-CMB
744823210 WURTH-744823210 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744825433 WURTH-744825433 Datasheet
183Kb / 1P
   COMMON MODE CHOKE WE-CMB
744824622 WURTH-744824622 Datasheet
135Kb / 1P
   COMMON MODE CHOKE WE-CMB
7448251201 WURTH-7448251201 Datasheet
128Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822110 WURTH-744822110 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
744822222 WURTH-744822222 Datasheet
131Kb / 1P
   COMMON MODE CHOKE WE-CMB
S14100038 WURTH-S14100038 Datasheet
215Kb / 2P
   COMMON MODE CHOKE WE-CMB
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com