Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZT3904 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części PZT3904
Szczegółowy opis  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT3904 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  PZT3904 Datasheet HTML 1Page - Fairchild Semiconductor PZT3904 Datasheet HTML 2Page - Fairchild Semiconductor PZT3904 Datasheet HTML 3Page - Fairchild Semiconductor PZT3904 Datasheet HTML 4Page - Fairchild Semiconductor PZT3904 Datasheet HTML 5Page - Fairchild Semiconductor PZT3904 Datasheet HTML 6Page - Fairchild Semiconductor PZT3904 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
0.25
0.5
0.75
1
TEMPERATURE ( C)
o
SOT-223
SOT-23
TO-92
Typical Characteristics (continued)
Noise Figure vs Frequency
0.1
1
10
100
0
2
4
6
8
10
12
f - FREQUENCY (kHz)
V
= 5.0V
CE
I
= 100
µA, R
= 500
C
S
I
= 1.0 mA
R
= 200
C
S
I
= 50
µA
R
= 1.0 k
C
S
I
= 0.5 mA
R
= 200
C
S
k
Noise Figure vs Source Resistance
0.1
1
10
100
0
2
4
6
8
10
12
R
- SOURCE RESISTANCE (
)
I
= 100
µA
C
I
= 1.0 mA
C
S
I
= 50
µA
C
I
= 5.0 mA
C
0
40
60
80
100
120
140
160
20
180
Current Gain and Phase Angle
vs Frequency
1
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
f - FREQUENCY (MHz)
θ
V
= 40V
CE
I
= 10 mA
C
h fe
Turn-On Time vs Collector Current
110
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
40V
15V
2.0V
t
@
V
= 0V
CB
d
t
@
V
= 3.0V
CC
r
Rise Time vs Collector Current
1
10
100
5
10
100
500
I
- COLLECTOR CURRENT (mA)
I
= I
=
B1
C
B2
I c
10
T
= 125°C
T
= 25°C
J
V
= 40V
CC
J
NPN General Purpose Amplifier
(continued)


Podobny numer części - PZT3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PZT3904 PHILIPS-PZT3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Guangdong Kexin Industr...
PZT3904 KEXIN-PZT3904 Datasheet
700Kb / 2P
   NPN Transistors
logo
STMicroelectronics
PZT3904 STMICROELECTRONICS-PZT3904 Datasheet
46Kb / 4P
   SMALL SIGNAL NPN TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
   Silicon NPN bipolar Transistor
logo
Siemens Semiconductor G...
PZT3904 SIEMENS-PZT3904 Datasheet
124Kb / 5P
   NPN Silicon Switching Transistor
More results

Podobny opis - PZT3904

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com