Zakładka z wyszukiwarką danych komponentów |
|
PZT3906 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor |
|
PZT3906 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor |
4 / 6 page PNP General Purpose Amplifier (continued) Typical Characteristics (continued) Collector-Cutoff Current vs. Ambient Temperature 25 50 75 100 125 0.01 0.1 1 10 100 T - AMBIENT TEMPERATURE ( C) A º V = 25V CB Common-Base Open Circuit Input and Output Capacitance vs Reverse Bias Voltage 0.1 1 10 0 2 4 6 8 10 REVERSE BIAS VOLTAGE (V) C obo C ibo Noise Figure vs Frequency 0.1 1 10 100 0 1 2 3 4 5 6 f - FREQUENCY (kHz) I = 100 µA, R = 200 Ω C V = 5.0V CE S I = 100 µA, R = 2.0 k Ω C S I = 1.0 mA, R = 200 Ω C S k Ω Noise Figure vs Source Resistance 0.1 1 10 100 0 2 4 6 8 10 12 R - SOURCE RESISTANCE ( ) I = 100 µA C V = 5.0V f = 1.0 kHz CE I = 1.0 mA C S Switching Times vs Collector Current 1 10 100 1 10 100 500 I - COLLECTOR CURRENT (mA) I = I = t r t s B1 C B2 I c 10 t f t d Turn On and Turn Off Times vs Collector Current 110 100 1 10 100 500 I - COLLECTOR CURRENT (mA) I = I = t off B1 C B2 I c 10 t on V = 0.5V BE(OFF) t I = on t off B1 I c 10 |
Podobny numer części - PZT3906 |
|
Podobny opis - PZT3906 |