Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5313RBCPZ-RL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5313RBCPZ-RL7
Szczegółowy opis  Dual, 10-Bit nanoDAC with 2 ppm/C Reference, SPI Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5313RBCPZ-RL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5313RBCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 9Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 10Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 11Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 12Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 13Page - Analog Devices AD5313RBCPZ-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5313R
Data Sheet
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Internal Reference Voltage vs. Temperature
Figure 9. Reference Output Temperature Drift Histogram
Figure 10. Reference Long-Term Stability/Drift
Figure 11. Internal Reference Noise Spectral Density vs. Frequency
Figure 12. Internal Reference Noise, 0.1 Hz to 10 Hz
Figure 13. Internal Reference Voltage vs. Load Current
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
VDD = 5V
90
0
10
20
30
40
50
60
70
80
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE DRIFT (ppm/°C)
VDD = 5V
60
0
10
20
30
40
50
2.498
2.499
2.500
2.501
2.502
VREF (V)
0 HOUR
168 HOURS
500 HOURS
1000 HOURS
VDD = 5.5V
1600
0
200
400
600
800
1000
1200
1400
10
100
1k
10k
100k
1M
FREQUENCY (MHz)
VDD = 5V
TA = 25°C
CH1 10µV
M1.0s
A CH1
160mV
1
T
VDD = 5V
TA = 25°C
2.5000
2.4999
2.4998
2.4997
2.4996
2.4995
2.4994
2.4993
–0.005
–0.003
–0.001
0.001
0.003
0.005
ILOAD (A)
VDD = 5V
TA = 25°C


Podobny numer części - AD5313RBCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5313RBCPZ-RL7 AD-AD5313RBCPZ-RL7 Datasheet
977Kb / 26P
   Dual, 10-Bit nanoDAC
More results

Podobny opis - AD5313RBCPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5338R AD-AD5338R Datasheet
1Mb / 28P
   Dual, 10-Bit nanoDAC with 2 ppm/C Reference, I2C Interface
REV. 0
AD5689R AD-AD5689R Datasheet
684Kb / 28P
   Dual, 16-/12-Bit nanoDAC with 2 ppm/째C Reference, SPI Interface
REV. 0
AD5697R AD-AD5697R Datasheet
1Mb / 28P
   Dual, 12-Bit nanoDAC with 2 ppm/째C Reference, I2C Interface
REV. 0
AD5317R AD-AD5317R Datasheet
1Mb / 28P
   Quad, 10-Bit nanoDAC Reference, SPI Interface
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5623RBCPZ-5REEL7 AD-AD5623RBCPZ-5REEL7 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference
Rev. F
AD5623RARMZ-5 AD-AD5623RARMZ-5 Datasheet
967Kb / 32P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
Rev. F
AD5623R AD-AD5623R Datasheet
1Mb / 28P
   Dual 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference
REV. A
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com