Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9102 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD9102
Szczegółowy opis  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9102 Arkusz danych(HTML) 5 Page - Analog Devices

  AD9102 Datasheet HTML 1Page - Analog Devices AD9102 Datasheet HTML 2Page - Analog Devices AD9102 Datasheet HTML 3Page - Analog Devices AD9102 Datasheet HTML 4Page - Analog Devices AD9102 Datasheet HTML 5Page - Analog Devices AD9102 Datasheet HTML 6Page - Analog Devices AD9102 Datasheet HTML 7Page - Analog Devices AD9102 Datasheet HTML 8Page - Analog Devices AD9102 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 5 of 36
DIGITAL TIMING SPECIFICATIONS (1.8 V)
TMIN to TMAX; AVDD = 1.8 V; DVDD = DLDO1 = DLDO2 = 1.8 V; CLKVDD = CLDO = 1.8 V; IOUTFS = 4 mA; maximum sample rate, unless
otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUT (CLKIN)
Maximum Clock Rate
180
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
80
MHz
Minimum Pulse Width High
6.25
ns
Minimum Pulse Width Low
6.25
ns
Setup Time SDIO to SCLK
4.0
ns
Hold Time SDIO to SCLK
5.0
ns
Output Data Valid SCLK to SDO/SDI2/DOUT or SDIO
8.8
ns
Setup Time CS to SCLK
4.0
ns
INPUT/OUTPUT SIGNAL SPECIFICATIONS
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT LOGIC LEVEL (SCLK, CS, SDIO,
SDO/SDI2/DOUT, RESET, TRIGGER)
Input VIN Logic High
DVDD = 1.8 V
1.53
V
DVDD = 3.3 V
2.475
V
Input VIN Logic Low
DVDD = 1.8 V
0.27
V
DVDD = 3.3 V
0.825
V
CMOS OUTPUT LOGIC LEVEL (SDIO, SDO/SDI2/DOUT)
Output VOUT Logic High
DVDD = 1.8 V
1.79
V
DVDD = 3.3 V
3.28
V
Output VOUT Logic Low
DVDD = 1.8 V
0.25
V
DVDD = 3.3 V
0.625
V
DAC CLOCK INPUT (CLKP, CLKN)
Minimum Peak-to-Peak Differential Input Voltage,
VCLKP/VCLKN
150
mV
Maximum Voltage at VCLKP or VCLKN
VDVDD
V
Minimum Voltage at VCLKP or VCLKN
VDGND
V
Common-Mode Voltage
Generated on Chip
0.9
V


Podobny numer części - AD9102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100AD AD-AD9100AD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100JD AD-AD9100JD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100SD AD-AD9100SD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Podobny opis - AD9102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
   Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com