Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9102 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9102
Szczegółowy opis  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9102 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9102 Datasheet HTML 2Page - Analog Devices AD9102 Datasheet HTML 3Page - Analog Devices AD9102 Datasheet HTML 4Page - Analog Devices AD9102 Datasheet HTML 5Page - Analog Devices AD9102 Datasheet HTML 6Page - Analog Devices AD9102 Datasheet HTML 7Page - Analog Devices AD9102 Datasheet HTML 8Page - Analog Devices AD9102 Datasheet HTML 9Page - Analog Devices AD9102 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD9102
Data Sheet
Rev. 0 | Page 6 of 36
AC SPECIFICATIONS (3.3 V)
TMIN to TMAX; AVDD = 3.3 V; DVDD = 3.3 V, CLKVDD = 3.3 V, internal CLDO, DLDO1, and DLDO2; IOUTFS = 8 mA; maximum sample rate,
unless otherwise noted.
Table 6.
Parameter
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE
fDAC = 180 MSPS, fOUT = 10 MHz
87
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
67
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 180 MSPS, fOUT = 10 MHz
88
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
68
dBc
NSD
fDAC = 180 MSPS, fOUT = 50 MHz
−163
dBm/Hz
PHASE NOISE @ 1 kHz FROM CARRIER
fDAC = 180 MSPS, fOUT = 10 MHz
−150
dBc/Hz
DYNAMIC PERFORMANCE
Output Settling Time, Full-Scale Output Step (to 0.1%)1
31.2
ns
Trigger to Output Delay, fDAC = 180 MSPS2
96
ns
Rise Time, Full-Scale Swing1
3.25
ns
Fall Time, Full-Scale Swing1
3.26
ns
1
Based on 85 Ω resistors from DAC output terminals to ground.
2
Start delay = 0 fDAC clock cycles.
AC SPECIFICATIONS (1.8 V)
TMIN to TMAX; AVDD = 1.8 V; DVDD = DLDO1 = DLDO2 = 1.8 V, CLKVDD = CLDO = 1.8 V; IOUTFS = 4 mA; maximum sample rate, unless
otherwise noted.
Table 7.
Parameter
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 180 MSPS, fOUT = 10 MHz
84
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
73
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fDAC = 180 MSPS, fOUT = 10 MHz
91
dBc
fDAC = 180 MSPS, fOUT = 50 MHz
86
dBc
NSD
fDAC = 180 MSPS, fOUT = 50 MHz
−163
dBm/Hz
PHASE NOISE @ 1kHz FROM CARRIER
fDAC = 180 MSPS, fOUT = 10 MHz
−150
dBc/Hz
DYNAMIC PERFORMANCE
Output Settling Time (to 0.1%)1
31.2
ns
Trigger to Output Delay, fDAC = 180 MSPS22
96
ns
Rise Time1
3.25
ns
Fall Time1
3.26
ns
1
Based on 85 Ω resistors from DAC output terminals to ground.
2
Start delay = 0 fDAC clock cycles.


Podobny numer części - AD9102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100AD AD-AD9100AD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100JD AD-AD9100JD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100SD AD-AD9100SD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Podobny opis - AD9102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
   Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com