Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9102 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9102
Szczegółowy opis  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9102 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9102 Datasheet HTML 3Page - Analog Devices AD9102 Datasheet HTML 4Page - Analog Devices AD9102 Datasheet HTML 5Page - Analog Devices AD9102 Datasheet HTML 6Page - Analog Devices AD9102 Datasheet HTML 7Page - Analog Devices AD9102 Datasheet HTML 8Page - Analog Devices AD9102 Datasheet HTML 9Page - Analog Devices AD9102 Datasheet HTML 10Page - Analog Devices AD9102 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 7 of 36
POWER SUPPLY VOLTAGE INPUTS AND POWER DISSIPATION
Table 8.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG SUPPLY VOLTAGES
AVDD1, AVDD2
1.7
3.6
V
CLKVDD
1.7
3.6
V
CLDO
On-chip LDO not in use
1.7
1.9
V
DIGITAL SUPPLY VOLTAGES
DVDD
1.7
3.6
V
DLDO1, DLDO2
On-chip LDO not in use
1.7
1.9
V
POWER CONSUMPTION
AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V,
internal CLDO, DLDO1, AND DLDO2
fDAC = 180 MSPS, Pure CW Sine Wave
12.5 MHz (DDS only)
96.54
mW
IAVDD
7.67
mA
IDVDD
DDS Only
CW sine wave output
17.73
mA
RAM Only
50% duty cycle FS pulse output
11.31
mA
DDS and RAM Only
50% duty cycle sine wave output
14.6
mA
ICLKVDD
3.85
mA
Power-Down Mode
REF on, DACs sleep, CLK power down, external CLK
and supplies on
4.73
mW
POWER CONSUMPTION
AVDD = 1.8 V, DVDD = DLDO1 = DLDO2 = 1.8 V,
CLKVDD = CLDO = 1.8 V
fDAC = 180 MSPS, Pure CW Sine Wave
12.5 MHz (DDS only)
51.33
mW
IAVDD
7.54
mA
IDVDD
0.15
mA
IDLDO2
DDS Only
CW sine wave output
16.03
mA
RAM Only
50% duty cycle FS pulse output
10.07
mA
DDS and RAM Only
50% duty cycle sine wave output
13.26
mA
IDLDO1
1.129
mA
ICLKVDD
0.0096
mA
ICLDO
3.65
mA
Power-Down Mode
REF on, DACs sleep, CLK power down, external CLK
and supplies on
1.49
mW


Podobny numer części - AD9102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100AD AD-AD9100AD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100JD AD-AD9100JD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100SD AD-AD9100SD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Podobny opis - AD9102

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
   Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com