Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9102BCPZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9102BCPZ
Szczegółowy opis  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9102BCPZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9102BCPZ Datasheet HTML 7Page - Analog Devices AD9102BCPZ Datasheet HTML 8Page - Analog Devices AD9102BCPZ Datasheet HTML 9Page - Analog Devices AD9102BCPZ Datasheet HTML 10Page - Analog Devices AD9102BCPZ Datasheet HTML 11Page - Analog Devices AD9102BCPZ Datasheet HTML 12Page - Analog Devices AD9102BCPZ Datasheet HTML 13Page - Analog Devices AD9102BCPZ Datasheet HTML 14Page - Analog Devices AD9102BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 11 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, internal CLDO, DLDO1, and DLDO2.
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
SFDR
SECOND HARMONIC
THIRD HARMONIC
Figure 3. SFDR, 2nd and 3rd Harmonics at IOUTFS = 8 mA vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
SFDR
SECOND HARMONIC
THIRD HARMONIC
Figure 4. SFDR, 2nd and 3rd Harmonics at IOUTFS = 4 mA vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
SFDR
SECOND HARMONIC
THIRD HARMONIC
Figure 5. SFDR, 2nd and 3rd Harmonics at IOUTFS = 2 mA vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
8mA
4mA
2mA
Figure 6. SFDR at Three IOUTFS Values vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
+85°C
+25°C
–40°C
Figure 7. SFDR at Three Temperatures vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
180MHz
100MHz
50MHz
Figure 8. SFDR at Three fDAC Values vs. fOUT


Podobny numer części - AD9102BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9100 AD-AD9100 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100AD AD-AD9100AD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100JD AD-AD9100JD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100SD AD-AD9100SD Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
AD9100 AD-AD9100_15 Datasheet
440Kb / 12P
   Ultrahigh Speed Monolithic Track-and-Hold
REV. B
More results

Podobny opis - AD9102BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9106 AD-AD9106 Datasheet
851Kb / 48P
   Quad, Low Power, 12-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
Rev. A
AD9106 AD-AD9106_17 Datasheet
1Mb / 58P
   Digital-to- Analog Converter and Waveform Generator
logo
Texas Instruments
ADS7891 TI1-ADS7891_15 Datasheet
994Kb / 31P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI-ADS7890 Datasheet
352Kb / 25P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7890 TI1-ADS7890_15 Datasheet
1,016Kb / 29P
[Old version datasheet]   14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891 TI-ADS7891 Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT,3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com